Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP320C40GDM40C Datasheet(PDF) 5 Page - Texas Instruments

Part # TMP320C40GDM40C
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP320C40GDM40C Datasheet(HTML) 5 Page - Texas Instruments

  TMP320C40GDM40C Datasheet HTML 1Page - Texas Instruments TMP320C40GDM40C Datasheet HTML 2Page - Texas Instruments TMP320C40GDM40C Datasheet HTML 3Page - Texas Instruments TMP320C40GDM40C Datasheet HTML 4Page - Texas Instruments TMP320C40GDM40C Datasheet HTML 5Page - Texas Instruments TMP320C40GDM40C Datasheet HTML 6Page - Texas Instruments TMP320C40GDM40C Datasheet HTML 7Page - Texas Instruments TMP320C40GDM40C Datasheet HTML 8Page - Texas Instruments TMP320C40GDM40C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TMP320C40KGDC, SMJ320C40KGDC, TMP320C40KGDCT, SMJ320C40KGDCT
FLOATINGPOINT DIGITAL SIGNAL PROCESSOR
KNOWN GOOD DIES
SGUS024C − MARCH 1997 − REVISED OCTOBER 2001
5
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
’320C40 (rev 5.2) known good die pad information
325
244
Die Side Number 4
Pad Number One
1
•
•
•
Die Side Number 1
•
•
•
81
Zero-Zero
(origin)
82
162
Die Side Number 2
243
•
•
•
Die Side Number 3
•
•
•
163
Die Designator
Figure 2. ’320C40 Die Numbering Format
(See Table 1)
Table 1 provides a reference for the following:
D The ’C40 signal identities in relation to the pad numbers
D The ’C40 X,Y coordinates, where bond pad 82 serves as the origin (0,0)
In addition, the following notes are significant:
A.
X,Y coordinate data is in microns.
B.
The active silicon dimensions are 12 424.86
µm × 12035.52 µm (489.16 mils × 473.83 mils).
C.
The die size is approximately 12 598.40
µm × 12192.00 µm (496.00 mils × 480.00 mils).
D.
Bond pad dimensions are 108.00
µm × 108.00 µm (4.25 mils × 4.25 mils).
E.
Center of bond pad to edge of die min (without scribe) = 107.80
µm (4.24 mils).
F.
For R-Tab devices, gold bump dimensions are approximately 92
µm × 92 µm (3.62 mils × 3.62 mils).
G.
Coordinate origin is at (0,0) (center of bond pad 82).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com