Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GI504 Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # GI504
Description  PLASTIC SILICON RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

GI504 Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  GI504 Datasheet HTML 1Page - Diode Semiconductor Korea GI504 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.2
TJ=25
f=1MHz
.1
.1
2
4
.4
1.0
2
40
10
20
60
100
4
10
20 40
100
0.01
10
1
100
10
0.1
10
0.1
1
0
T J =2 5
20
40
60
80
100
0.01
0.1
1
10
100
T J = 100
T J = 150
0.6
TJ=25
Pulse Width=300uS
0.8 1.0
1.2
1.4
2.0
1.6
1.8
0.1
0.4
1
4
10
20
40
100
75
25
0
50
S ingle P has e
H alf W av e 60H Z
R e sistive o r
Induc tive Loa d
1
2
5
3
4
6
100
125
175
150
SURGE CURRENT
GI500---GI510
AMBIENT TEMPERATURE,
NUMBER OF CYCLES AT 60Hz
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
FIG.1 -- FORWARD DERATING CURVE
FIG.2 --MAXIMUM NON-REPETITIVE PEAK FORWARD
CHARACTERISTICS
FIG.5 -- TYPICAL JUNCTION CAPACITANCE
FIG.6 -- TYPICAL TRANSIENT THERMAL IMPEDANCE
FIG.3 -- TYPICAL INSTANTANEOUS FORWARD
FIG.4 -- TYPICAL REVERSE CHARACTERISTICS
REVERSE VOLTAGE,VOLTS
PULSE DURATION, SEC
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
2
0
0
10
20
100
46
4 0
60
20
40
60
80
100
TJ=125
8.3ms Single Half
Sine Wave
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com