Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL22 Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # SL22
Description  SMD SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

SL22 Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  SL22 Datasheet HTML 1Page - Diode Semiconductor Korea SL22 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4 . 5± 0.1 5
1.25± 0.2
0.2± 0.05
5 . 3± 0.2
FEATURES
For surface mounted applications
Low leakage
Low forward voltage drop
High current capability
MECHANICAL DATA
Case: JEDEC SMB,molded plastic
Terminals: Solder plated, solderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode end
Weight: 0.003 ounces, 0.093grams
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
Maximum recurrent peak reverse voltage
VRRM
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Average forward rectified current
IF(AV)
A
Peak forward surge current
8.3ms single half-sine-wave
superimposed on rated load
Maximum instantaneous
@ 1.0 A
forward voltage (Note1)
@ 2.0A
VF
V
Maximum reverse current
@TA=25
at rated DC blocking voltage @TA=100
IR
mA
RθJL
RθJA
Operating temperature range
Tj
Storage temperature range
TSTG
/W
UNITS
SL22
SL23
20
30
SL23
Device marking code
17
14
20
2.0
21
30
0.4
10
Typical thermal resistance (Note2)
2.P.C.B. mounted with 0.2×0.2〞(5.0×5.0mm) copper pad areas
IFSM
A
60
- 55 -- +150
- 55 -- +125
NOTE: 1.Pulse test: 300
µs pulse width.1%duty cycle
0.395
0.440
75
SMD SCHOTTKY BARRIER RECTIFIERS
Easily cleaned with Alcohol,Isopropnol
and similar solvents
The plastic material carries U/L
recognition 94V-0
VOLTAGE RANGE
: 20 - 30 V
CURRENT:
2.0 A
SMB
Dimensions in millimeters
SL22
SL22 -- SL23
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - SL22

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SL22 PANJIT-SL22 Datasheet
53Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 40 Volts CURRENT - 2.0 Amperes)
logo
Transys Electronics
SL22 TRSYS-SL22 Datasheet
164Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SL22 WTE-SL22 Datasheet
40Kb / 3P
2.0A LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
SL22 FORMOSA-SL22 Datasheet
67Kb / 2P
Silicon epitaxial planer type
logo
General Semiconductor
SL22 GE-SL22 Datasheet
79Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SL22

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBC520-G COMCHIP-CDBC520-G Datasheet
563Kb / 2P
SMD Schottky Barrier Rectifiers
CDBA220-HF COMCHIP-CDBA220-HF Datasheet
94Kb / 4P
SMD Schottky Barrier Rectifiers
CDBA320-G COMCHIP-CDBA320-G_12 Datasheet
111Kb / 4P
SMD Schottky Barrier Rectifiers
CDBA3150-HF COMCHIP-CDBA3150-HF Datasheet
97Kb / 4P
SMD Schottky Barrier Rectifiers
CDBB320-G COMCHIP-CDBB320-G_12 Datasheet
111Kb / 4P
SMD Schottky Barrier Rectifiers
CDBB5150-HF COMCHIP-CDBB5150-HF Datasheet
98Kb / 4P
SMD Schottky Barrier Rectifiers
CDBC3150-HF COMCHIP-CDBC3150-HF Datasheet
96Kb / 4P
SMD Schottky Barrier Rectifiers
CDBFN120-HF COMCHIP-CDBFN120-HF_12 Datasheet
95Kb / 4P
SMD Schottky Barrier Rectifiers
CDBZ5T30100-HF COMCHIP-CDBZ5T30100-HF Datasheet
610Kb / 4P
SMD Schottky Barrier Rectifiers
CDBZ630100-HF COMCHIP-CDBZ630100-HF Datasheet
725Kb / 4P
SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com