Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7642 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7642
Description  16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7642 Datasheet(HTML) 1 Page - Texas Instruments

  DAC7642 Datasheet HTML 1Page - Texas Instruments DAC7642 Datasheet HTML 2Page - Texas Instruments DAC7642 Datasheet HTML 3Page - Texas Instruments DAC7642 Datasheet HTML 4Page - Texas Instruments DAC7642 Datasheet HTML 5Page - Texas Instruments DAC7642 Datasheet HTML 6Page - Texas Instruments DAC7642 Datasheet HTML 7Page - Texas Instruments DAC7642 Datasheet HTML 8Page - Texas Instruments DAC7642 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
16-Bit, Dual Voltage Output
DIGITAL-TO-ANALOG CONVERTER
DESCRIPTION
The DAC7642 and DAC7643 are dual channel, 16-bit, volt-
age output Digital-to-Analog Converters (DACs) which pro-
vide 15-bit monotonic performance over the specified tem-
perature range. They accept 16-bit parallel input data, have
double-buffered DAC input logic (allowing simultaneous up-
date of all DACs), and provide a readback mode of the
internal input registers. Programmable asynchronous reset
clears all registers to a mid-scale code of 8000H (DAC7642)
or to a zero-scale code of 0000H (DAC7643). These DACs
can operate from a single +5V supply or from +5V and –5V
supplies, providing an output range of 0 to +2.5V or –2.5V to
+2.5V, respectively.
Low power and small size per DAC make the DAC7642 and
DAC7643 ideal for automatic test equipment, DAC-per-pin
programmers, data acquisition systems, and closed-loop
servo-control. The DAC7642 and DAC7643 are available in
a LQFP-32 package and specified over a –40
°C to +85°C
temperature range.
FEATURES
q LOW POWER: 4mW
q UNIPOLAR OR BIPOLAR OPERATION
q SETTLING TIME: 10
µs to 0.003% FSR
q 15-BIT LINEARITY AND MONOTONICITY:
–40
°C to +85°C
q RESET TO MID-SCALE (DAC7642) OR
ZERO-SCALE (DAC7643)
q DATA READBACK
q DOUBLE-BUFFERED DATA INPUTS
APPLICATIONS
q PROCESS CONTROL
q CLOSED-LOOP SERVO-CONTROL
q MOTOR CONTROL
q DATA ACQUISITION SYSTEMS
q DAC-PER-PIN PROGRAMMERS
DAC7642
DAC7643
SBAS233 – DECEMBER 2001
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2001, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
DAC A
DAC
Register A
Input
Register A
I/O
Buffer
Control
Logic
DAC B
DAC
Register B
Input
Register B
VREFL
VREFH
VREFH
Sense
VREFL
Sense
VOUTB
VOUTA
VOUTB Sense
RST
LOADDACS
DACSEL
CS
R/W
DATA I/O
16
GND
VOUTA Sense
VSS
VCC
DAC7642
DAC7643
DAC7642
DAC7643


Similar Part No. - DAC7642

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7642 BURR-BROWN-DAC7642 Datasheet
806Kb / 22P
16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7642 TI1-DAC7642 Datasheet
1Mb / 25P
16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7642 TI2-DAC7642 Datasheet
1Mb / 24P
16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
DECEMBER 2001
DAC7642B TI1-DAC7642B Datasheet
1Mb / 25P
16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7642VF TI1-DAC7642VF Datasheet
1Mb / 25P
16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC7642

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7641 BURR-BROWN-DAC7641 Datasheet
1,000Kb / 18P
16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7744 BURR-BROWN-DAC7744 Datasheet
458Kb / 23P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7664 TI-DAC7664 Datasheet
452Kb / 28P
16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7632 BURR-BROWN-DAC7632 Datasheet
846Kb / 21P
16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7654 BURR-BROWN-DAC7654 Datasheet
472Kb / 28P
16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7642 BURR-BROWN-DAC7642 Datasheet
806Kb / 22P
16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7641 BURR-BROWN-DAC7641_08 Datasheet
1Mb / 22P
16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7744 TI1-DAC7744_14 Datasheet
1Mb / 28P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7641 TI1-DAC7641_08 Datasheet
1Mb / 22P
16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7642 TI1-DAC7642_15 Datasheet
1Mb / 25P
16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com