Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1744P Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1744P
Description  Y2K-Compliant, Nonvolatile Timekeeping RAMs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1744P Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1744P Datasheet HTML 1Page - Dallas Semiconductor DS1744P Datasheet HTML 2Page - Dallas Semiconductor DS1744P Datasheet HTML 3Page - Dallas Semiconductor DS1744P Datasheet HTML 4Page - Dallas Semiconductor DS1744P Datasheet HTML 5Page - Dallas Semiconductor DS1744P Datasheet HTML 6Page - Dallas Semiconductor DS1744P Datasheet HTML 7Page - Dallas Semiconductor DS1744P Datasheet HTML 8Page - Dallas Semiconductor DS1744P Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
DS1744/DS1744P Y2K-Compliant, Nonvolatile Timekeeping RAMs
4 of 18
Table 1. Truth Table
VCC
CE
OE
WE
MODE
DQ
POWER
VIH
X
X
Deselect
High-Z
Standby
VIL
X
VIL
Write
Data In
Active
VIL
VIL
VIH
Read
Data Out
Active
VCC > VPF
VIL
VIH
VIH
Read
High-Z
Active
VSO < VCC < VPF
X
X
X
Deselect
High-Z
CMOS Standby
VCC < VSO < VPF
X
X
X
Deselect
High-Z
Data-Retention Mode
SETTING THE CLOCK
As shown in Table 2, bit 7 of the century register is the write bit. Setting the write bit to a 1, like the read
bit, halts updates to the DS1744 registers. The user can then load them with the correct day, date, and time
data in 24-hour BCD format. Resetting the write bit to a 0 then transfers those values to the actual clock
counters and allows normal operation to resume.
STOPPING AND STARTING THE CLOCK OSCILLATOR
The clock oscillator can be stopped at any time. To increase the shelf life, the oscillator can be turned off
to minimize current drain from the battery. The
OSC bit is the MSB (bit 7) of the seconds registers (Table
2). Setting it to a 1 stops the oscillator.
FREQUENCY TEST BIT
As shown in Table 2, bit 6 of the day byte is the frequency test bit. When the frequency test bit is set to
logic 1 and the oscillator is running, the LSB of the seconds register toggles at 512Hz. When the seconds
register is being read, the DQ0 line toggles at the 512Hz frequency as long as conditions for access remain
valid (i.e., CE low, OE low, WE high, and address for seconds register remain valid and stable).
CLOCK ACCURACY (DIP MODULE)
The DS1744 is guaranteed to keep time accuracy to within
±1 minute per month at +25°C. The RTC is
calibrated at the factory by Dallas Semiconductor using nonvolatile tuning elements, and does not require
additional calibration. For this reason, methods of field clock calibration are not available and not
necessary. Clock accuracy is also affected by the electrical environment; caution should be taken to place
the RTC in the lowest-level EMI section of the PC board layout. For additional information, refer to
Application Note 58: Crystal Considerations with Dallas Real-Time Clocks.
CLOCK ACCURACY (PowerCap MODULE)
The DS1744 and DS9034PCX are individually tested for accuracy. Once mounted together, the module
typically keeps time accuracy to within
±1.53 minutes per month (35ppm) at +25°C. Clock accuracy is
also affected by the electrical environment and caution should be taken to place the RTC in the lowest-
level EMI section of the PC board layout. For additional information, refer to Application Note 58: Crystal
Considerations with Dallas Real-Time Clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com