Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HER201G Datasheet(PDF) 1 Page - Formosa MS

Part # HER201G
Description  Axial Leaded High Effciency Rectifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

HER201G Datasheet(HTML) 1 Page - Formosa MS

  HER201G Datasheet HTML 1Page - Formosa MS HER201G Datasheet HTML 2Page - Formosa MS HER201G Datasheet HTML 3Page - Formosa MS HER201G Datasheet HTML 4Page - Formosa MS HER201G Datasheet HTML 5Page - Formosa MS HER201G Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
2
2
2
2
3
4
4
4
5
6
List
List.................................................................................................
Package outline...............................................................................
Features..........................................................................................
Maximum ratings ..............................................................................
Rating and characteristic curves........................................................
Pinning information...........................................................................
Marking...........................................................................................
Taping & bulk specifications for AXIAL devices....................................
Suggested thermal profiles for soldering processes.............................
High reliability test capabilities...........................................................
Mechanical data...............................................................................
Page 1
Formosa MS
HER201G THRU HER208G
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
DS-222317
2009/02/10
2010/03/10
C
6
Axial Leaded High Effciency Rectifiers


Similar Part No. - HER201G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
HER201G JGD-HER201G Datasheet
172Kb / 2P
2.0 AMPS. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
GOOD-ARK Electronics
HER201G GOOD-ARK-HER201G Datasheet
118Kb / 2P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
Leshan Radio Company
HER201G LRC-HER201G Datasheet
61Kb / 2P
24 HIGH EFFICIENCY GPP DIODES
logo
Micro Commercial Compon...
HER201G MCC-HER201G Datasheet
311Kb / 2P
Passivated High Efficient Rectifiers 50 to 1000 Volts 2.0 Amp Glass
logo
Won-Top Electronics
HER201G WTE-HER201G Datasheet
58Kb / 4P
2.0A GLASS PASSIVATED ULTRAFAST DIODE
More results

Similar Description - HER201G

ManufacturerPart #DatasheetDescription
logo
Formosa MS
HER101G FORMOSA-HER101G Datasheet
103Kb / 6P
Axial Leaded High Effciency Rectifiers
HER151G FORMOSA-HER151G Datasheet
99Kb / 6P
Axial Leaded High Effciency Rectifiers
HER301G FORMOSA-HER301G Datasheet
106Kb / 6P
Axial Leaded High Effciency Rectifiers
HER501G FORMOSA-HER501G Datasheet
107Kb / 6P
Axial Leaded High Effciency Rectifiers
logo
American Microsemicondu...
1N6513 AMMSEMI-1N6513 Datasheet
610Kb / 1P
Axial Leaded Rectifiers
logo
Formosa MS
HER101 FORMOSA-HER101_17 Datasheet
103Kb / 6P
Axial Leaded High Effciency Rectifiers
HER151 FORMOSA-HER151_17 Datasheet
99Kb / 6P
Axial Leaded High Effciency Rectifiers
HER201 FORMOSA-HER201_17 Datasheet
102Kb / 6P
Axial Leaded High Effciency Rectifiers
HER301 FORMOSA-HER301_17 Datasheet
102Kb / 6P
Axial Leaded High Effciency Rectifiers
HER501 FORMOSA-HER501_17 Datasheet
106Kb / 6P
Axial Leaded High Effciency Rectifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com