Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS90C401 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90C401
Description  Dual Low Voltage Differential Signaling (LVDS) Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C401 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS90C401 Datasheet HTML 1Page - National Semiconductor (TI) DS90C401 Datasheet HTML 2Page - National Semiconductor (TI) DS90C401 Datasheet HTML 3Page - National Semiconductor (TI) DS90C401 Datasheet HTML 4Page - National Semiconductor (TI) DS90C401 Datasheet HTML 5Page - National Semiconductor (TI) DS90C401 Datasheet HTML 6Page - National Semiconductor (TI) DS90C401 Datasheet HTML 7Page - National Semiconductor (TI) DS90C401 Datasheet HTML 8Page - National Semiconductor (TI) DS90C401 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DS90C401
Dual Low Voltage Differential Signaling (LVDS) Driver
General Description
The DS90C401 is a dual driver device optimized for high
data rate and low power applications. This device along with
the DS90C402 provides a pair chip solution for a dual high
speed point-to-point interface. The DS90C401 is a current
mode driver allowing power dissipation to remain low even at
high frequency. In addition, the short circuit fault current is
also minimized. The device is in a 8 lead small outline
package. The differential driver outputs provides low EMI
with its low output swings typically 340 mV.
Features
n
Ultra low power dissipation
n
Operates above 155.5 Mbps
n
Standard TIA/EIA-644
n
8 Lead SOIC Package saves space
n
Low Differential Output Swing typical 340 mV
Connection Diagram
10001301
Order Number DS90C401M
See NS Package Number M08A
Functional Diagram
10001302
August 2005
© 2005 National Semiconductor Corporation
DS100013
www.national.com


Similar Part No. - DS90C401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90C401 TI2-DS90C401 Datasheet
663Kb / 20P
DS90C401 Dual Low Voltage Differential Signaling (LVDS) Driver
REVISED APRIL 2013
DS90C401M TI-DS90C401M Datasheet
955Kb / 17P
DS90C401 Dual Low Voltage Differential Signaling (LVDS) Driver
DS90C401M/NOPB TI-DS90C401M/NOPB Datasheet
955Kb / 17P
DS90C401 Dual Low Voltage Differential Signaling (LVDS) Driver
DS90C401M/NOPB TI2-DS90C401M/NOPB Datasheet
663Kb / 20P
DS90C401 Dual Low Voltage Differential Signaling (LVDS) Driver
REVISED APRIL 2013
DS90C401M/NOPB.A TI2-DS90C401M/NOPB.A Datasheet
663Kb / 20P
DS90C401 Dual Low Voltage Differential Signaling (LVDS) Driver
REVISED APRIL 2013
More results

Similar Description - DS90C401

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C402 NSC-DS90C402 Datasheet
133Kb / 8P
Dual Low Voltage Differential Signaling (LVDS) Receiver
DS90LV027AH NSC-DS90LV027AH Datasheet
636Kb / 8P
High Temperature LVDS Dual Differential Driver
DS90C402 NSC-DS90C402_05 Datasheet
568Kb / 8P
Dual Low Voltage Differential Signaling (LVDS) Receiver
DS90LV027AQ NSC-DS90LV027AQ Datasheet
275Kb / 8P
Automotive LVDS Dual Differential Driver
logo
Texas Instruments
DS90C401MX TI-DS90C401MX Datasheet
955Kb / 17P
DS90C401 Dual Low Voltage Differential Signaling (LVDS) Driver
logo
Wolfgang Knap
67SMO WK-67SMO Datasheet
114Kb / 1P
Low Voltage Differential Signaling Oscillators
logo
Texas Instruments
DS90C402 TI1-DS90C402_13 Datasheet
813Kb / 14P
Dual Low Voltage Differential Signaling (LVDS) Receiver
DS90LV027 TI1-DS90LV027_13 Datasheet
708Kb / 10P
LVDS Dual High Speed Differential Driver
DS90LV027AH TI1-DS90LV027AH_13 Datasheet
943Kb / 14P
High Temperature LVDS Dual Differential Driver
DS90LV027AQ TI1-DS90LV027AQ_14 Datasheet
940Kb / 14P
Automotive LVDS Dual Differential Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com