Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF5A60 Datasheet(PDF) 2 Page - Formosa MS

Part # SF5A60
Description  Super Fast Recovery Rectifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SF5A60 Datasheet(HTML) 2 Page - Formosa MS

  SF5A60 Datasheet HTML 1Page - Formosa MS SF5A60 Datasheet HTML 2Page - Formosa MS SF5A60 Datasheet HTML 3Page - Formosa MS SF5A60 Datasheet HTML 4Page - Formosa MS SF5A60 Datasheet HTML 5Page - Formosa MS SF5A60 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 2
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Super Fast Recovery Rectifiers
5.0A Super Fast Recovery
Rectifiers - 50V-600V
Features
• Low forward voltage, high current capability
High surge current capability.
• Super fast recovery time for switching mode application.
.
Glass passivated chip junctions.
Lead-free parts meet environmental standards of
MIL-STD-19500/228
• Suffix "-H" indicates Halogen-free parts, ex. SF5Α05-H.
•
• Low power loss
•
•
Document ID
Issued Date
Revised Date
Revision
Page.
SF5A05 THRU SF5A60
Mechanical data
Epoxy : UL94-V0 rated flame retardant
• Case : JEDEC TO-220AC molded plastic body over
passivated chip
• Lead : Axial leads, solderable per MIL-STD-202,
Method 208 guranteed
• Polarity:
• Mounting Position : Any
• Weight : Approximated 2.05 gram
•
As marked
Package outline
Dimensions in inches and (millimeters)
0.139(3.55)
MIN
0.038(0.96)
0.019(0.50)
TO-220AC
0.419(10.66)
0.387(9.85)
0.624(15.87)
0.548(13.93)
0.269(6.85)
0.226(5.75)
0.177(4.50)MAX
0.50(12.70)MIN
0.196(5.00)
0.163(4.16)
0.1(2.54)
0.054(1.39)
0.045(1.15)
.025(0.65)MAX
Maximum ratings (AT T =25
A
oC unless otherwise noted)
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Peak forward surge current 8.3ms
single half sine-wave(JEDEC method)
Maximum DC blocking voltage
Maximum average forward rectified current
Operating junction temperature range
Maximum forward voltage at IF=5A
Maximum DC reverse current
at TJ =25°C
at TJ =125°C
at rated DC blocking voltage
Electrical Characteristics (AT T =25
A
oC unless otherwise noted)
Thermal Characteristics
Maximum reverse recovery time (Note 1)
Note 1: Reverse recovery time test condition, IF=0.5A, IR=1.0A, IRR=0.25A
Typical thermal resistance junction to case
Storage temperature range
PARAMETER
PARAMETER
PARAMETER
SYMBOLS
SYMBOLS
SYMBOLS
VDC
VRRM
IFSM
VRMS
TSTG
VF
RθJC
IO
TJ
IR
trr
SF5A05
SF5A05
SF5A05
50
35
50
SF5A10
0.98
SF5A10
SF5A10
100
100
70
-55 to +150
-65 to +175
SF5A20
5.0
200
SF5A20
SF5A20
35
200
140
200
5
100
2.5
SF5A40
SF5A40
SF5A40
400
280
400
1.30
SF5A60
SF5A60
SF5A60
1.85
600
420
600
UNIT
UNIT
UNIT
°C/W
°C
°C
uA
uA
ns
V
V
V
A
A
V
DS-222435
2009/08/10
2014/08/15
E
6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com