Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POL10 Datasheet(PDF) 3 Page - Arch Electronics Corp.

Part # POL10
Description  Input under Voltage Protection
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

POL10 Datasheet(HTML) 3 Page - Arch Electronics Corp.

  POL10 Datasheet HTML 1Page - Arch Electronics Corp. POL10 Datasheet HTML 2Page - Arch Electronics Corp. POL10 Datasheet HTML 3Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
VER : A_0
update : 2014.04.25
DC-DC Brick
POL10/16 SERIES
10/16 A
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-3-
MECHANICAL DIMENSION
PIN#
Single
1
DC OUT
2
DC OUT
3
Sense
4
DC OUT
5
GND
6
GND
7
DC IN
8
DC IN
10
Trim
11
ON/OFF
Note
1. All dimensions in mm [in.]
Tolerances: x.x ± 0.5 mm [x.xx ± 0.02 in.]
x.xx± 0.25 mm [x.xxx ± 0.010 in.]
2. Tolerances for the lengths, widths of all pins are x.xx ± 0.10 mm [x.xxx ±0.004 in.]



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com