Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QLF60 Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # QLF60
Description  LED Power
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

QLF60 Datasheet(HTML) 2 Page - Arch Electronics Corp.

  QLF60_16 Datasheet HTML 1Page - Arch Electronics Corp. QLF60_16 Datasheet HTML 2Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VER : A_5
update : 2015.05.15
LED Power
QLF60 SERIES
60 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-2-
This series has IP66 and IP67, when you place order, please be noted as ordering Part No.
Model No.
QLF60-24S
QLF60-36S
QLF60-48S
QLF60-54S
IP66
QLF60-24S-IP66
QLF60-36S-IP66
QLF60-48S-IP66
QLF60-54S-IP66
Ordering Part No
IP67
QLF60-24S-IP67
QLF60-36S-IP67
QLF60-48S-IP67
QLF60-54S-IP67
MECHANICAL DIMENSION
( Top View )
BLOCK DIAGRAM
DERATING
ASSEMBLY INSTRUCTIONS
*U Case
T=2.0mm
Customer screws into the length of the case
no higher than 0.5mm
(Namely screw length for load plate thickness
plus 2.5mm
Note:
1. Ripple & Noise are measured at 20MHz of bandwidth with 0.1uF & 47uF parallel capacitor.
2. Please check the derating curve for more details.
3. Input Voltage=115 or 230 VAC
。This is the suitable operation region for LED related application.but please reconfirm special electrical requirements
for some specific system design.
4. Please contact us for more information.
5. It's recommended to add Varistor 14S561K at L / N input side in parallel.
6. This driver is suggested for LED application only.
7. Direct connection to LEDs is suggested. Connecting additional drivers would not be appropriate.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com