Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QLF75-36S Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # QLF75-36S
Description  LED Power
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

QLF75-36S Datasheet(HTML) 1 Page - Arch Electronics Corp.

  QLF75-36S Datasheet HTML 1Page - Arch Electronics Corp. QLF75-36S Datasheet HTML 2Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VER : A_5
update : 2015.05.15
LED Power
QLF75 SERIES
75 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Model No.
QLF75-24S
QLF75-36S
QLF75-48S
QLF75-54S
Max output wattage
( W )
75.6W
75.6W
75.36W
75.6W
Voltage
(Note2)
90-295 VAC
Frequency (Hz)
50 / 60 Hz
Power factor
PF>0.9 at Full load (115 VAC / 230 VAC)
Current (Full load)
1.1A (115 VAC) / 0.55A (230 VAC)
Inrush current
(at 230 VAC)
45 A max.
Input
Leakage Current
< 0.7 mA max at 240 VAC
Voltage (V.DC.)
24V
36V
48V
54V
Voltage ADJ Range Setup
(CV Mode)
22 ~ 26.5V
33 ~ 39.5V
44 ~ 51.5V
49 ~ 55V
Constant Current Operation Voltage (max)
(CC Mode)
(Note3)
15.6~ 24
VDC
23.4~36
VDC
36~48
VDC
35.1~54
VDC
Voltage Tolerance
±10%
Preset Current (mA)
(at IP66)
(CC Mode)
(at 230 VAC)
2800
2100
1400
1400
Current Adjustment Range (mA)
(CC Mode)
2000~3150
1350~2100
1000~1570
900~1400
Preset Current (mA)
(at IP67)
(CC Mode) (fixed) (Note4)
(at 230 VAC)
2800 (2000~3150)
2100 (1350~2100)
1400 (1000~1570)
1400 (900~1400)
Minimum Load (mA)
2000
1350
1000
900
Line Regulation (typ.)
(110-240 VAC)
±4%
Load Regulation (Min-Max) (typ.)
±5%
Ripple & Noise (typ.) (Note1)
2.7Vp-p
5Vp-p
Output
Efficiency (at 230VAC / Full Load)(typ)
89%
90%
89%
90%
Over current protection
Auto recovery
Over voltage protection
Zener diode clamp
Protection
Short circuit protection
Auto recovery
Input-Output (V.AC)
3750V
Input-FG
(V.AC)
1880V
Isolation
Output-FG
.(V.AC)
500V
Operating temperature
-30°C…+70°C (with derating)
Storage temperature
-40°C…+85°C
Temperature coefficient
0.02%/°C
Humidity
95% RH
Environment
MTBF
>450,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
4.72 x 2.36 x 1.38 Inches
( 120.0 x 60.0 x 35.0 mm ) Tolerance
2mm
Weight
600 g
Physical
Cooling method
Free air convection
Safety
Agency Approvals
UL8750、IEC / EN 61347-2-13、 IEC / EN 61347-1
EMI
(Conducted & Radiated Emission)
EN 55015
EMS (Noise Immunity)
EN 61547
Harmonic Current
EN 61000-3-2(at Full Load)、EN 61000-3-3
EMC
Surge
2KV L-N, 4KV L N-FG
KEY FEATURES
 IP66/67 Design for Indoor or LED Outdoor Installations
 With Constant Current & Constant Voltage (C.C+C.V mode)
 With P.F.C. Function, PF>0.9
 High Efficiency up to 90%
 Free Air Convection
 Protections: Over Load / Over Voltage / Short Circuit
 High Reliability & Double Layered PCB
 Suitable for LED lighting and moving sign applications
 Ultra Compact Size: 4.72 x 2.36 x 1.38 Inches
 3-Year Product Warranty


Similar Part No. - QLF75-36S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
QLF75-36S ARCH-QLF75-36S Datasheet
257Kb / 2P
LED Power
More results

Similar Description - QLF75-36S

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DWS-EJS-VW1-1 DOMINANT-DWS-EJS-VW1-1 Datasheet
864Kb / 13P
Power LED
DWS-SJS-ST2-1 DOMINANT-DWS-SJS-ST2-1 Datasheet
880Kb / 13P
Power LED
logo
Lumileds Lighting Compa...
DS60 LUMILEDS-DS60 Datasheet
655Kb / 26P
power LED
logo
Everlight Electronics C...
31-01UTC-S463 EVERLIGHT-31-01UTC-S463 Datasheet
134Kb / 8P
POWER LED
logo
Arch Electronics Corp.
ALF60 ARCH-ALF60 Datasheet
276Kb / 5P
LED Power
ALF100 ARCH-ALF100 Datasheet
332Kb / 5P
LED Power
ALF150 ARCH-ALF150 Datasheet
332Kb / 5P
LED Power
APF60 ARCH-APF60 Datasheet
296Kb / 5P
LED Power
PLF16 ARCH-PLF16 Datasheet
225Kb / 2P
LED Power
ZLF100 ARCH-ZLF100 Datasheet
300Kb / 2P
LED Power
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com