Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT24LC16 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT24LC16
Description  CMOS 16K 2-Wire Serial EEPROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT24LC16 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT24LC16 Datasheet HTML 1Page - Holtek Semiconductor Inc HT24LC16 Datasheet HTML 2Page - Holtek Semiconductor Inc HT24LC16 Datasheet HTML 3Page - Holtek Semiconductor Inc HT24LC16 Datasheet HTML 4Page - Holtek Semiconductor Inc HT24LC16 Datasheet HTML 5Page - Holtek Semiconductor Inc HT24LC16 Datasheet HTML 6Page - Holtek Semiconductor Inc HT24LC16 Datasheet HTML 7Page - Holtek Semiconductor Inc HT24LC16 Datasheet HTML 8Page - Holtek Semiconductor Inc HT24LC16 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Symbol
Parameter
Remark
Standard Mode* VCC=5V
±10%
Unit
Min.
Max.
Min.
Max.
tAA
Output Valid from Clock
¾¾
3500
¾
900
ns
tBUF
Bus Free Time
Time in which the bus must be
free before a new transmis-
sion can start
4700
¾
1200
¾
ns
tSP
Input Filter Time Constant
(SDA and SCL Pins)
Noise suppression time
¾
100
¾
50
ns
tWR
Write Cycle Time
¾¾
5
¾
5ms
Notes: These parameters are periodically sampled but not 100% tested
* The standard mode means VCC=2.2V to 5.5V
For relative timing, refer to timing diagrams
HT24LC16
Rev. 1.30
3
November 25, 2003
Functional Description
· Serial clock (SCL)
The SCL input is used for positive edge clock data into
each EEPROM device and negative edge clock data
out of each device.
· Serial data (SDA)
The SDA pin is bidirectional for serial data transfer.
The pin is open drain driven and may be wired-OR
with any number of other open drain or open collector
devices.
· A0, A1, A2
The HT24LC16 does not use the device address pins
which limits the number of devices on a single bus to
one. The A0, A1 and A2 pins have no connection.
· Write protect (WP)
The HT24LC16 has a write protect pin that provides
hardware data protection. The write protect pin allows
normal read/write operations when the connection is
grounded. When the write protect pin is connected to
VCC, the write protection feature is enabled and oper-
ates as shown in the following table.
WP Pin Status
Protect Array
At VCC
Full Array (16K)
At VSS
Normal Read/Write Operations
Memory Organization
Internally organized with 2048 8-bit words, the 16K re-
quires an 11-bit data word address for random word ad-
dressing.
Device Operations
· Clock and data transition
Data transfer may be initiated only when the bus is not
busy. During data transfer, the data line must remain
stable whenever the clock line is high. Changes in
data line while the clock line is high will be interpreted
as a START or STOP condition.
· Start condition
A high-to-low transition of SDA with SCL high is a start
condition which must precede any other command
(refer to Start and Stop Definition Timing diagram).
· Stop condition
A low-to-high transition of SDA with SCL high is a stop
condition. After a read sequence, the stop command
will place the EEPROM in a standby power mode (re-
fer to Start and Stop Definition Timing Diagram).
· Acknowledge
All addresses and data words are serially transmitted
to and from the EEPROM in 8-bit words. The
EEPROM sends a zero to acknowledge that it has re-
ceived each word. This happens during the ninth clock
cycle.
Device Addressing
The 16K EEPROM devices require an 8-bit device ad-
dress word following a start condition to enable the chip
for a read or write operation. The device address word
consist of a mandatory one, zero sequence for the first
four most significant bits (refer to the diagram showing
the Device Address). This is common to all the
EEPROM device.
The 16K does not use any device address bits but in-
stead the 3 bits are used for memory page addressing.
These page addressing bits on the 16K devices should
be considered the most significant bits of the data word
address which follows. The A0, A1 and A2 pins have no
connection.
S C L
S D A
D a t a a l l o w e d
t o c h a n g e
A d d r e s s o r
a c k n o w l e d g e
v a l i d
S t o p
c o n d i t i o n
S t a r t
c o n d i t i o n
N o A C K
s t a t e



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com