Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS90CF363 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90CF363
Description  3.3V LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link??5 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CF363 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS90CF363 Datasheet HTML 1Page - National Semiconductor (TI) DS90CF363 Datasheet HTML 2Page - National Semiconductor (TI) DS90CF363 Datasheet HTML 3Page - National Semiconductor (TI) DS90CF363 Datasheet HTML 4Page - National Semiconductor (TI) DS90CF363 Datasheet HTML 5Page - National Semiconductor (TI) DS90CF363 Datasheet HTML 6Page - National Semiconductor (TI) DS90CF363 Datasheet HTML 7Page - National Semiconductor (TI) DS90CF363 Datasheet HTML 8Page - National Semiconductor (TI) DS90CF363 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
−0.3V to +4V
CMOS/TTL Input Voltage
−0.3V to (V
CC + 0.3V)
LVDS Driver Output Voltage
−0.3V to (V
CC + 0.3V)
LVDS Output Short Circuit
Duration
Continuous
Junction Temperature
+150˚C
Storage Temperature
−65˚C to +150˚C
Lead Temperature
(Soldering, 4 sec)
+260˚C
Maximum Package Power Dissipation Capacity @ 25˚C
MTD48 (TSSOP) Package:
DS90CF363
1.98 W
Package Derating:
DS90CF363
16 mW/˚C above +25˚C
ESD Rating
(HBM, 1.5 k
Ω, 100 pF)
> 7kV
Recommended Operating
Conditions
Min
Nom
Max
Units
Supply Voltage (V
CC)
3.0
3.3
3.6
V
Operating Free Air
Temperature (T
A)
−40
+25
+85
˚C
Receiver Input Range
0
2.4
V
Supply Noise Voltage (V
CC)
100
mV
PP
Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CMOS/TTL DC SPECIFICATIONS
V
IH
High Level Input Voltage
2.0
V
CC
V
V
IL
Low Level Input Voltage
GND
0.8
V
V
OH
High Level Output Voltage
I
OH = −0.4 mA
2.7
3.3
V
V
OL
Low Level Output Voltage
I
OL = 2 mA
0.1
0.3
V
V
CL
Input Clamp Voltage
I
CL = −18 mA
−0.79
−1.5
V
I
IN
Input Current
V
IN =VCC, GND, 2.5V or 0.4V
±5.1
±10
µA
I
OS
Output Short Circuit Current
V
OUT = 0V
−60
−120
mA
LVDS DC SPECIFICATIONS
V
OD
Differential Output Voltage
R
L = 100Ω
250
345
450
mV
∆V
OD
Change in V
OD between
complimentary output states
35
mV
V
OS
Offset Voltage (Note 4)
1.125
1.25
1.375
V
∆V
OS
Change in V
OS between
complimentary output states
35
mV
I
OS
Output Short Circuit Current
V
OUT = 0V, RL = 100Ω
−3.5
−5
mA
I
OZ
Output TRI-STATE® Current
Power Down = 0V,
V
OUT =0VorVCC
±1
±10
µA
V
TH
Differential Input High Threshold
V
CM = +1.2V
+100
mV
V
TL
Differential Input Low Threshold
−100
mV
I
IN
Input Current
V
IN = +2.4V, VCC = 3.6V
±10
µA
V
IN = 0V, VCC = 3.6V
±10
µA
TRANSMITTER SUPPLY CURRENT
ICCTW
Transmitter Supply Current
Worst Case
R
L = 100Ω,
C
L = 5 pF,
Worst Case Pattern
(Figures 1, 3)
f = 32.5 MHz
31
45
mA
f = 37.5 MHz
32
50
mA
f = 65 MHz
42
55
mA
ICCTG
Transmitter Supply Current
16 Grayscale
R
L = 100Ω,
C
L = 5 pF,
16 Grayscale Pattern
(Figures 2, 3)
f = 32.5 MHz
23
35
mA
f = 37.5 MHz
28
40
mA
f = 65 MHz
31
45
mA
ICCTZ
Transmitter Supply Current
Power Down
Power Down = Low
Driver Outputs in TRI-STATE® under
Power Down Mode
10
55
µA
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the device
should be operated at these limits. The tables of “Electrical Characteristics” specify conditions for device operation.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com