Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEEHD0J682AM Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEEHD0J682AM
Description  Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEEHD0J682AM Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEEHD0J682AM Datasheet HTML 1Page - Panasonic Semiconductor EEEHD0J682AM Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors (SMD Type)
Endurance : 105 °C 5000 h
Rated
voltage
(V.DC)
Cap.
(±20 %)
(µF)
Case size (mm)
Size
code
Specification
Part No.
Reflow
Min. Packaging Q'ty
0DL
Ripple
current
(120 Hz)
(+105 °C)
(mA r.m.s.)
tan d
(120 Hz)
(+20 °C)
Taping
(pcs)
6.3
3300
12.5
13.5
H13
680
0.32
EEEHD0J332AQ
(9)
200
6800
16
16.5
J16
1280
0.38
EEEHD0J682AM
(9)
125
7500
18
16.5
K16
1540
0.40
EEEHD0J752AM
(9)
125
10
2200
12.5
13.5
H13
620
0.24
EEEHD1A222AQ
(9)
200
4700
16
16.5
J16
1280
0.28
EEEHD1A472AM
(9)
125
6800
18
16.5
K16
1540
0.32
EEEHD1A682AM
(9)
125
16
1500
12.5
13.5
H13
620
0.18
EEEHD1C152AQ
(9)
200
3300
16
16.5
J16
1280
0.22
EEEHD1C332AM
(9)
125
4700
18
16.5
K16
1540
0.24
EEEHD1C472AM
(9)
125
25
1000
12.5
13.5
H13
580
0.16
EEEHD1E102AQ
(9)
200
2200
16
16.5
J16
1200
0.18
EEEHD1E222AM
(9)
125
3300
18
16.5
K16
1540
0.20
EEEHD1E332AM
(9)
125
35
680
12.5
13.5
H13
580
0.14
EEEHD1V681AQ
(9)
200
1500
16
16.5
J16
1200
0.16
EEEHD1V152AM
(9)
125
1800
18
16.5
K16
1450
0.16
EEEHD1V182AM
(9)
125
· Please refer to the page of “Reflow Profile” and “The Taping Dimensions”.
· When requesting vibration-proof product, please put the last “V” instead to “P” or “M”
Characteristics list
Mar. 2016
03



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com