Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEEHD1A472AM Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEEHD1A472AM
Description  Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEEHD1A472AM Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEEHD1A472AM Datasheet HTML 1Page - Panasonic Semiconductor EEEHD1A472AM Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors (SMD Type)
A±0.2
W
( ) Reference size
L
+
–
0.3 max.
Pressure Relief
Capacitance (µF)
Rated voltage code
Series identification
Mark for Lead-Free
products
(Black dot)
Lot number
Negative polarity
marking (–)
3300
HD
j
Frequency correction factor for ripple current
● Endurance : 105 °C 5000 h
● Vibration-proof product is available upon request.
● RoHS compliant
Features
Specifications
Dimensions
Marking
Surface Mount Type
Series :
Medium-size HD Type : V
High temperature
Lead-Free reflow (suffix : A
✽)
Category temperature range
–55 °C to +105 °C
Rated voltage range
6.3 V.DC to 35 V.DC
Capacitance range
680 µF to 7500 µF
Capacitance tolerance
±20 % (120 Hz/+20 °C)
Leakage current
I
< 0.01 CV (µA) After 2 minutes
Dissipation factor (tan
d)
Please see the attached characteristics list
Endurance
After applying rated working voltage for 5000 hours at +105 °C±2 °C and then being stabilized
at +20 °C, Capacitors shall meet the following limits.
Capacitance change Within ±30 % of the initial value
tan
d
< 200 % of the initial limit
DC leakage current Within the initial limit
Shelf life
After storage for 1000 hours at +105 °C±2 °C with no voltage applied and then being stabilized
at +20 °C, capacitors shall meet the limits specified in Endurance (With voltage treatment)
Resistance to
soldering heat
After reflow soldering and then being stabilized at +20 °C, capacitors shall meet the following limits.
Capacitance change Within ±10 % of the initial value
tan
d
Within the initial limit
DC leakage current Within the initial limit
AEC-Q200
AEC-Q200 compliant
Size
code
0D
LA,B
H
I
W
P
K
H13
12.5 13.5±0.5 13.5 15.0 max. 4.7
0.90±0.3 4.4 0.70±0.3
J16
16.0 16.5±0.5 17.0 19.0 max 5.5
1.20±0.3 6.7 0.70±0.3
K16
18.0 16.5±0.5 19.0 21.0 max 6.7
1.20±0.3 6.7 0.70±0.3
Frequency (Hz)
Capacitance (µF)
60
120
1 k
10 k
100 k to
680
to
1000
0.93
1.00
1.20
1.27
1.33
1200
to
2200
0.94
1.00
1.13
1.19
1.25
2700
to
7500
0.94
1.00
1.12
1.18
1.18
Example : 6.3 V.DC 3300 µF
Marking color : BLACK
(Unit : mm)
R. Voltage
(V.DC)
6.3
10
16
25
35
Code
j
ACE
V
Mar. 2016
03


Similar Part No. - EEEHD1A472AM

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEEHD1A101AP PANASONIC-EEEHD1A101AP Datasheet
68Kb / 2P
Aluminum Electrolytic Capacitors/ HD
EEEHD1A101AP PANASONIC-EEEHD1A101AP Datasheet
125Kb / 2P
Surface Mount Type
EEEHD1A101AP PANASONIC-EEEHD1A101AP Datasheet
81Kb / 2P
Aluminum Electrolytic Capacitors/ HD
EEEHD1A101AP PANASONIC-EEEHD1A101AP Datasheet
81Kb / 2P
Aluminum Electrolytic Capacitors/ HD
EEEHD1A101AP PANASONIC-EEEHD1A101AP Datasheet
63Kb / 2P
Aluminum Electrolytic Capacitors
More results

Similar Description - EEEHD1A472AM

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com