Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEEHD1C470AP Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEEHD1C470AP
Description  Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEEHD1C470AP Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEEHD1C470AP Datasheet HTML 1Page - Panasonic Semiconductor EEEHD1C470AP Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors (SMD Type)
Characteristics list (6.3 V.DC to 35 V.DC)
Characteristics list (50 V.DC to 100 V.DC)
Endurance : 105 °C 5000 h
Endurance : 105 °C 5000 h
Rated
voltage
(V.DC)
Cap.
(±20 %)
(µF)
Case size (mm)
Size
code
Specification
Part No.
Reflow
Min. Packaging Q'ty
0DL
Ripple
current
(120 Hz)
(+105 °C)
(mA r.m.s.)
Impedance
(100 kHz)
(+20 °C)
(
Ω)
tan
d
(120 Hz)
(+20 °C)
Taping
(pcs)
50
1
4
5.8
B
7
12.0
0.12
EEEHD1H1R0R
(1)
2000
2.2
4
5.8
B
12
12.0
0.12
EEEHD1H2R2R
(1)
2000
3.3
4
5.8
B
16
12.0
0.12
EEEHD1H3R3R
(1)
2000
4.7
5
5.8
C
21
7.2
0.12
EEEHD1H4R7R
(1)
1000
10
6.3
5.8
D
33
4.0
0.12
EEEHD1H100P
(1)
1000
22
8
6.2
E
50
2.0
0.14
EEEHD1H220P
(2)
1000
33
8
10.2
F
74
1.5
0.14
EEEHD1H330P
(2)
500
47
10
10.2
G
94
0.8
0.14
EEEHD1H470P
(2)
500
100
10
10.2
G
94
0.8
0.14
EEEHD1H101P
(2)
500
63
10
8
6.2
E
45
2.0
0.18
EEEHD1J100P
(2)
1000
22
8
10.2
F
65
1.5
0.18
EEEHD1J220P
(2)
500
33
10
10.2
G
80
0.8
0.18
EEEHD1J330P
(2)
500
100
10
8
10.2
F
55
1.5
0.18
EEEHD2A100P
(2)
500
22
10
10.2
G
70
0.8
0.18
EEEHD2A220P
(2)
500
Rated
voltage
(V.DC)
Cap.
(±20 %)
(µF)
Case size (mm)
Size
code
Specification
Part No.
Reflow
Min. Packaging Q'ty
0DL
Ripple
current
(120 Hz)
(+105 °C)
(mA r.m.s.)
Impedance
(100 kHz)
(+20 °C)
(
Ω)
tan d
(120 Hz)
(+20 °C)
Taping
(pcs)
6.3
330
8
10.2
F
230
1.5
0.30
EEEHD0J331AP
(7)
500
1000
10
10.2
G
313
0.8
0.50
EEEHD0J102AP
(7)
500
10
100
8
6.2
E
62
2.0
0.30
EEEHD1A101AP
(7)
1000
220
8
10.2
F
160
1.5
0.30
EEEHD1A221AP
(7)
500
330
8
10.2
F
160
1.5
0.30
EEEHD1A331AP
(7)
500
16
10
4.0
5.8
B
28
12.0
0.20
EEEHD1C100AR
(5)
2000
22
5.0
5.8
C
39
7.2
0.20
EEEHD1C220AR
(5)
1000
47
6.3
5.8
D
70
4.0
0.20
EEEHD1C470AP
(5)
1000
100
8
10.2
F
130
1.5
0.20
EEEHD1C101AP
(7)
500
220
10
10.2
G
220
0.8
0.20
EEEHD1C221AP
(7)
500
470
10
10.2
G
340
0.8
0.20
EEEHD1C471AP
(7)
500
25
4.7
4
5.8
B
17
12.0
0.16
EEEHD1E4R7AR
(5)
2000
10
5
5.8
C
28
7.2
0.16
EEEHD1E100AR
(5)
1000
22
6.3
5.8
D
55
4.0
0.16
EEEHD1E220AP
(5)
1000
33
6.3
5.8
D
55
4.0
0.16
EEEHD1E330AP
(5)
1000
47
8
6.2
E
56
2.0
0.18
EEEHD1E470AP
(7)
1000
100
8
10.2
F
130
1.5
0.16
EEEHD1E101AP
(7)
500
330
10
10.2
G
238
0.8
0.16
EEEHD1E331AP
(7)
500
35
4.7
4
5.8
B
17
12.0
0.13
EEEHD1V4R7AR
(5)
2000
10
5
5.8
C
28
7.2
0.13
EEEHD1V100AR
(5)
1000
22
6.3
5.8
D
55
4.0
0.13
EEEHD1V220AP
(5)
1000
33
86.2
E
53
2.0
0.16
EEEHD1V330AP
(7)
1000
6.3
7.7
D8
57
2.0
0.13
EEEHDV330XAP
(5)
900
47
6.3
7.7
D8
57
2.0
0.14
EEEHDV470XAP
(5)
900
8
10.2
F
79
1.5
0.14
EEEHD1V470AP
(7)
500
100
10
10.2
G
101
0.8
0.14
EEEHD1V101AP
(7)
500
220
10
10.2
G
220
0.8
0.14
EEEHD1V221AP
(7)
500
If Part number exceeds 12 digits, voltage code is abbrevi ated as follows; 0J
→ J, 1A → A, 1C → C, 1E → E, 1V → V,
· Please refer to the page of “Reflow Profile” and “The Taping Dimensions”.
· When requesting vibration-proof product, please put the last “V” instead to “P”
Mar. 2016
05



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com