Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEEFC1H2R2R Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEEFC1H2R2R
Description  Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEEFC1H2R2R Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEEFC1H2R2R Datasheet HTML 1Page - Panasonic Semiconductor EEEFC1H2R2R Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors (SMD Type)
A±0.2
W
L
( ) Reference size
+
–
0.3 max.
Pressure Relief (
010 and larger)
22
FC
j
Capacitance (µF)
Rated voltage code
Series identification
Lot number
Negative polarity
marking (–)
Mark for Lead-Free
products
(Black dot)
Frequency correction factor for ripple current
Dimensions
Marking
Surface Mount Type
Series : FC Type : V
● Endurance : 105 °C 1000 h
● Low impedance (1/2 for HA series)
● Vibration-proof product is available upon request. (08 mm and larger)
● RoHS compliant
Features
Specifications
Category temperature range
–40 °C to +105 °C
Rated voltage range
6.3 V.DC to 50 V.DC
Capacitance range
1 µF to 1500 µF
Capacitance tolerance
±20 % (120 Hz/+20 °C)
Leakage current
I
< 0.01 CV or 3 (µA) After 2 minutes (Whichever is greater)
Dissipation factor (tan
d)
Please see the attached characteristics list
Characteristics
at low temperature
V.DC
6.3
10
16
25
35
50
(Impedance ratio at 120 Hz)
Z(–25 °C) / Z(+20 °C)
222222
Z(–40 °C) / Z(+20 °C)
333333
Endurance
After applying rated working voltage for 1000 hours at +105 °C±2 °C and then being stabilized
at +20 °C, Capacitors shall meet the following limits.
Capacitance change Within ±20 % of the initial value
tan
d
< 200 % of the initial limit
DC leakage current
Within the initial limit
Shelf life
After storage for 1000 hours at +105 °C±2 °C with no voltage applied and then being stabilized
at +20 °C, capacitors shall meet the limits specified in Endurance.(With voltage treatment)
Resistance to
soldering heat
After reflow soldering and then being stabilized at +20 °C, capacitor shall meet the following limits.
Capacitance change Within ±10 % of the initial value
tan
d
Within the initial limit
DC leakage current
Within the initial limit
AEC-Q200
AEC-Q200 compliant
Example : 6.3 V.DC 22 µF
Marking color : BLACK
Size
code
0D
L
A, B
H
I
W
P
K
B
4.0
5.4 - 0.2
4.3
5.5 max. 1.8
0.65±0.1
1.0
0.35 - 0.20
C
5.0
5.4 - 0.2
5.3
6.5 max. 2.2
0.65±0.1
1.5
0.35 - 0.20
D
6.3
5.4 - 0.2
6.6
7.8 max. 2.6
0.65±0.1
1.8
0.35 - 0.20
E
8.0
6.2±0.3
8.3
9.5 max. 3.4
0.65±0.1
2.2
0.35 - 0.20
F
8.0 10.2±0.3
8.3 10.0 max. 3.4
0.90±0.2
3.1
0.70±0.2
G
10.0 10.2±0.3 10.3 12.0 max. 3.5
0.90±0.2
4.6
0.70±0.2
+ 0.15
+ 0.15
+ 0.15
+ 0.15
+ 0.1
+ 0.1
+ 0.1
HA
FC
↑
Frequency (Hz)
50, 60
120
1 k
10 k
100 k to
Correction factor
0.70
0.75
0.90
0.95
1.00
Low impedance
(Unit : mm)
R. Voltage
(V.DC)
6.3
10
16
25
35
50
Code
jA
C
E
V
H
Mar. 2016
02


Similar Part No. - EEEFC1H2R2R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEEFC1H2R2R PANASONIC-EEEFC1H2R2R Datasheet
129Kb / 2P
Surface Mount Type
EEEFC1H2R2R PANASONIC-EEEFC1H2R2R Datasheet
860Kb / 7P
SMT Aluminum Electrolytic Capacitors
EEEFC1H2R2R PANASONIC-EEEFC1H2R2R Datasheet
81Kb / 2P
Aluminum Electrolytic Capacitors/ FC
EEEFC1H2R2R PANASONIC-EEEFC1H2R2R Datasheet
129Kb / 2P
Aluminum Electrolytic Capacitors/ FC
EEEFC1H2R2R PANASONIC-EEEFC1H2R2R Datasheet
81Kb / 2P
Aluminum Electrolytic Capacitors/ FC
More results

Similar Description - EEEFC1H2R2R

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com