Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8304AMLFT Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS8304AMLFT
Description  LOW SKEW, 1-TO-4 LVCMOS / LVTTL FANOUT BUFFER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8304AMLFT Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS8304AMLFT Datasheet HTML 1Page - Integrated Circuit Systems ICS8304AMLFT Datasheet HTML 2Page - Integrated Circuit Systems ICS8304AMLFT Datasheet HTML 3Page - Integrated Circuit Systems ICS8304AMLFT Datasheet HTML 4Page - Integrated Circuit Systems ICS8304AMLFT Datasheet HTML 5Page - Integrated Circuit Systems ICS8304AMLFT Datasheet HTML 6Page - Integrated Circuit Systems ICS8304AMLFT Datasheet HTML 7Page - Integrated Circuit Systems ICS8304AMLFT Datasheet HTML 8Page - Integrated Circuit Systems ICS8304AMLFT Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
8304AM
www.icst.com/products/hiperclocks.html
REV. F SEPTEMBER 13, 2004
5
Integrated
Circuit
Systems, Inc.
ICS8304
LOW SKEW, 1-TO-4
LVCMOS / LVTTL FANOUT BUFFER
PARAMETER MEASUREMENT INFORMATION
2.5V OUTPUT LOAD AC TEST CIRCUIT
3.3V OUTPUT LOAD AC TEST CIRCUIT
SCOPE
Qx
LVCMOS
1.65V±5%
GND
SCOPE
Qx
LVCMOS
2.05V±5%
-1.25V±5%
OUTPUT SKEW
OUTPUT RISE/FALL TIME
OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
Clock
Outputs
30%
70%
70%
30%
tR
t F
tsk(o)
V
DD
2
V
DD
2
Qx
Qy
tsk(pp)
V
DD
2
V
DD
2
Qx
Qy
PART 1
PART 2
Q0:Q3
t
PD
V
DD
2
V
DDO
2
PROPAGATION DELAY
Pulse Width
t
PERIOD
t
PW
t
PERIOD
odc =
V
DDO
2
Q0:Q3
CLK
V
DD,
V
DDO
-1.65V±5%
GND
V
DD
V
DDO
1.25V±5%
PART-TO-PART SKEW



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com