Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZQF30-R Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # ZQF30-R
Description  Open Frame LED Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ZQF30-R Datasheet(HTML) 1 Page - Arch Electronics Corp.

  ZQF30-R_16 Datasheet HTML 1Page - Arch Electronics Corp. ZQF30-R_16 Datasheet HTML 2Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VER : B_1
update : 2015.05.15
LED Power
ZQF30(R) SERIES
30 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
ELECTRICAL SPECIFICATIONS
Model No.
ZQF30(R)-13.5S
ZQF30(R)-24S
ZQF30(R)-48S
Max output wattage
( W )
31.4W
33.6W
33.6W
Voltage
(Note2)
90-264 VAC
Frequency (Hz)
50 / 60 Hz
Power factor
PF>0.9 at Full load (115 VAC / 230 VAC)
Current (Full load)
0.4A max. (115 VAC) / 0.2A max. (230 VAC)
Inrush current
40 A max. (Cold Start at 230 VAC)
Input
Leakage Current
< 0.7 mA max at 240 VAC / 63 Hz
Voltage (V.DC.)
13.5V
24V
48V
Constant Current Operation Voltage (max) (CC Mode) (Note
3)
11~13.5VDC
18~ 24VDC
36~ 48VDC
Voltage Tolerance
±10%
Preset Current (mA) (CC Mode)
2100
1400
700
Current Adjustment Range (mA) (CC Mode)
1700 ~ 2330
1050 ~ 1400
525 ~ 700
Minimum Load (mA)
1700
1050
525
Line Regulation (115-230VAC) (typ.)
±4%
Load Regulation (Min-Max) (typ.)
±5%
Ripple & Noise (max)
2.4Vp-p
2.4Vp-p
4.8Vp-p
Output
Efficiency (at 230VAC.)(typ)
85%
88%
89%
Over current protection
Auto recovery
Over voltage protection
Zener diode clamp
Protection
Short circuit protection
Auto recovery
Input-Output (V.AC)
3750V
Input-FG
(V.AC)
1880V
Isolation
Output-FG
.(V.AC)
500V
Operating temperature
-30°C…+70°C (with derating)
Storage temperature
-40°C…+85°C
Temperature coefficient
0.02%/°C
Humidity
95% RH
Environment
MTBF
>583,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
4.0 x 2.0 x 1.12 Inches
( 101.6 x 50.8 x 28.5 mm ) Tolerance
0.5 mm
Weight
165 g
Physical
Cooling method
Free air convection
Safety
Agency Approvals
IEC / EN 61347-2-13、 IEC / EN 61347-1
EMI
(Conducted & Radiated Emission)
EN 55015
EMS (Noise Immunity)
EN 61547
EMC
Harmonic Current
EN 61000-3-2(at Full Load)、EN 61000-3-3
KEY FEATURES
 Open Frame LED Power Supply
 With Constant Current & Constant Voltage (C.C+C.V mode)
 Universal Input: 100-240 VAC
 With P.F.C. Function, PF>0.9
 Free Air Convection
 Protections: Over Load / Over Voltage / Short Circuit
 High Reliability & Double Layered PCB
 Ultra Compact Size: 4.0 x 2.0 x 1.12 Inches
 3-Year Product Warranty


Similar Part No. - ZQF30-R_16

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ZQF30-R-13.5S ARCH-ZQF30-R-13.5S Datasheet
278Kb / 2P
LED Power
More results

Similar Description - ZQF30-R_16

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AQF60C ARCH-AQF60C_16 Datasheet
200Kb / 4P
Open Frame LED Power Supply
AQF80C ARCH-AQF80C_16 Datasheet
200Kb / 4P
Open Frame LED Power Supply
ZLF60 ARCH-ZLF60_16 Datasheet
265Kb / 2P
Open Frame LED Power Supply
ZLF75 ARCH-ZLF75_16 Datasheet
266Kb / 2P
Open Frame LED Power Supply
ZLF100 ARCH-ZLF100_16 Datasheet
269Kb / 2P
Open Frame LED Power Supply
ZQF30 ARCH-ZQF30_16 Datasheet
277Kb / 3P
Open Frame LED Power Supply
ZQF60 ARCH-ZQF60_16 Datasheet
274Kb / 3P
Open Frame LED Power Supply
ZQF60-R ARCH-ZQF60-R_16 Datasheet
247Kb / 2P
Open Frame LED Power Supply
ZQF30_SERIES ARCH-ZQF30_SERIES Datasheet
355Kb / 3P
Open Frame LED Power Supply
ZQF60_SERIES ARCH-ZQF60_SERIES Datasheet
338Kb / 3P
Open Frame LED Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com