Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEUTP1V152S Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEUTP1V152S
Description  Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUTP1V152S Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEUTP1V152S Datasheet HTML 1Page - Panasonic Semiconductor EEUTP1V152S Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors (Radial Lead Type)
Characteristics list
· When requesting taped product, please put the letter "B" between the "( )". Lead wire pitch
✽B=5 mm, 7.5 mm.
· Please refer to the page of “Taping dimensions”.
Rated
voltage
(V.DC)
Cap.
(±20 %)
(µF)
Case size (mm)
Specification
Lead length (mm)
Part No.
Min. Packaging Q'ty
0DL
Ripple
current
(100 kHz)
(+125 °C)
(mA r.m.s.)
Ripple
current
(100 kHz)
(+135 °C)
(mA r.m.s.)
ESR
(100 kHz)
(+20 °C)
(
Ω)
tan d
(120 Hz)
(+20 °C)
125 °C
Enduance
(hours)
135 °C
Enduance
(hours)
Lead
dia.
0d
Lead space
Straight
leads
(pcs)
Taping
(pcs)
Straight
Taping
✽B
25
220 10
12.5
580
500
0.190
0.14
3000 2000
0.6
5.0
5.0
EEUTP1E221( )
200
500
330 10
16
1100
945
0.130
0.14
3000 2000
0.6
5.0
5.0
EEUTP1E331( )
200
500
470
8
20
1060
760
0.067 0.14
2000 1000
0.6
3.5
5.0
EEUTP1E471L( )
200
1000
10
16
1100
945
0.130
0.14
3000 2000
0.6
5.0
5.0
EEUTP1E471( )
200
500
510 10
16
1100
945
0.130
0.14
3000 2000
0.6
5.0
5.0
EEUTP1E511( )✽
200
500
820 10
20
1540
1100
0.052 0.14
3000 2000
0.6
5.0
5.0
EEUTP1E821( )
200
500
1000
12.5 20
1860
1490
0.038 0.14
4000 2000
0.6
5.0
5.0
EEUTP1E102( )
200
500
1200
12.5 20
1860
1490
0.038 0.14
4000 2000
0.6
5.0
5.0
EEUTP1E122( )
200
500
1800
12.5 25
2180
1750
0.030 0.14
4000 2000
0.6
5.0
5.0
EEUTP1E182( )
200
500
16
20
2380
1985
0.029 0.14
5000 2000
0.8
7.5
7.5
EEUTP1E182S( )
100
250
2000 16
20
2380
1985
0.029 0.16
5000 2000
0.8
7.5
7.5
EEUTP1E202S( )✽ 100
250
2200
16
25
2760
2300
0.022 0.16
5000 2000
0.8
7.5
7.5
EEUTP1E222( )
100
250
18
20
2700
2250
0.028 0.16
5000 2000
0.8
7.5
7.5
EEUTP1E222S( )
100
250
2700
16
25
2760
2300
0.022 0.16
5000 2000
0.8
7.5
7.5
EEUTP1E272( )
100
250
18
20
2700
2250
0.028 0.16
5000 2000
0.8
7.5
7.5
EEUTP1E272S( )
100
250
3300
16
31.5
3250
2710
0.018
0.18
5000 2000
0.8
7.5
EEUTP1E332
100
18
25
2960
2470
0.020 0.18
5000 2000
0.8
7.5
7.5
EEUTP1E332S( )
100
250
3900
16
31.5
3250
2710
0.018
0.18
5000 2000
0.8
7.5
EEUTP1E392
100
18
25
2960
2470
0.020 0.18
5000 2000
0.8
7.5
7.5
EEUTP1E392S( )
100
250
4700
18
31.5
3480
2900
0.016
0.20
5000 2000
0.8
7.5
EEUTP1E472
50
5100
18
31.5
3480
2900
0.016
0.22
5000 2000
0.8
7.5
EEUTP1E512✽
50
35
100 10
12.5
580
500
0.190
0.12
3000 2000
0.6
5.0
5.0
EEUTP1V101( )
200
500
120 10
12.5
580
500
0.190
0.12
3000 2000
0.6
5.0
5.0
EEUTP1V121( )
200
500
220
8
20
1060
760
0.067 0.12
2000 1000
0.6
3.5
5.0
EEUTP1V221L( )
200
1000
10
16
1100
945
0.130
0.12
3000 2000
0.6
5.0
5.0
EEUTP1V221( )
200
500
270
8
20
1060
760
0.067 0.12
2000 1000
0.6
3.5
5.0
EEUTP1V271L( )
200
1000
10
16
1100
945
0.130
0.12
3000 2000
0.6
5.0
5.0
EEUTP1V271( )
200
500
330 10
20
1540
1100
0.052 0.12
3000 2000
0.6
5.0
5.0
EEUTP1V331( )
200
500
390 10
20
1540
1100
0.052 0.12
3000 2000
0.6
5.0
5.0
EEUTP1V391( )
200
500
470
12.5 20
1860
1490
0.038 0.12
4000 2000
0.6
5.0
5.0
EEUTP1V471( )
200
500
560
12.5 20
1860
1490
0.038 0.12
4000 2000
0.6
5.0
5.0
EEUTP1V561( )
200
500
620
12.5 20
1860
1490
0.038 0.12
4000 2000
0.6
5.0
5.0
EEUTP1V621( )✽
200
500
820
12.5 25
2180
1750
0.030 0.12
4000 2000
0.6
5.0
5.0
EEUTP1V821( )
200
500
1000 16
20
2380
1985
0.029 0.12
5000 2000
0.8
7.5
7.5
EEUTP1V102( )
100
250
1200 16
20
2380
1985
0.029 0.12
5000 2000
0.8
7.5
7.5
EEUTP1V122( )
100
250
1500
16
25
2760
2300
0.022 0.12
5000 2000
0.8
7.5
7.5
EEUTP1V152( )
100
250
18
20
2700
2250
0.028 0.12
5000 2000
0.8
7.5
7.5
EEUTP1V152S( )
100
250
1600 16
25
2760
2300
0.022 0.12
5000 2000
0.8
7.5
7.5
EEUTP1V162( )✽
100
250
1800
16
31.5
3250
2710
0.018
0.12
5000 2000
0.8
7.5
EEUTP1V182
100
18
25
2960
2470
0.020 0.12
5000 2000
0.8
7.5
7.5
EEUTP1V182S( )
100
250
2000
16
31.5
3250
2710
0.018
0.14
5000 2000
0.8
7.5
EEUTP1V202✽
100
18
25
2960
2470
0.020 0.14
5000 2000
0.8
7.5
7.5
EEUTP1V202S( )✽ 100
250
2200
18
31.5
3480
2900
0.016
0.14
5000 2000
0.8
7.5
EEUTP1V222
50
2700
18
31.5
3480
2900
0.016
0.14
5000 2000
0.8
7.5
EEUTP1V272
50
✽ : Substandard
(E24series numbers)
Mar. 2016
04



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com