Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEVTG1J331M Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEVTG1J331M
Description  Aluminum Electrolytic Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEVTG1J331M Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEVTG1J331M Datasheet HTML 1Page - Panasonic Semiconductor EEVTG1J331M Datasheet HTML 2Page - Panasonic Semiconductor EEVTG1J331M Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors (SMD Type)
A±0.2
W
( ) Reference size
L
+
–
0.3 max.
Pressure Relief (
010 and larger)
100
TG
A
Capacitance (µF)
Rated Voltage code
Series identification
Mark for Lead-Free
products
(Black dot)
Lot number
Negative polarity
marking (–)
1000
TG
A
Capacitance (µF)
Rated Voltage code
Series identification
Lot number
Negative polarity
marking (–)
● Endurance : 125 °C 1000 h to 2000 h
● Miniaturization (40 % less than TA Series)
● Low ESR (Low temp)
● Vibration-proof product is available upon request. (08 mm and larger)
● RoHS compliant (Parts No 08 to 010 : EEE✽, 012.5 to 018 : EEV✽)
Features
Specifications
Surface Mount Type
Series : TG Type : V
Category temperature range
–40 °C to +125 °C
Rated voltage range
10 V.DC to 100 V.DC
Capacitance range
10 µF to 4700 µF
Capacitance tolerance
±20 % (120 Hz/+20 °C)
Leakage current
I
< 0.01 CV After 2 minutes
Dissipation factor (tan
d)
Please see the attached characteristics list
Characteristics
at low temperature
V.DC
10
16
25
35
50
63
80
100
(Impedance ratio at 120 Hz)
Z(–25 °C)/Z(+20 °C)
32222222
Z(–40 °C)/Z(+20 °C)
64433333
Endurance
After applying rated working voltage for 1000 hours (
08×6.2), 2000 hours (08×10.2 <) at +125 °C±2 °C
and then being stabilized at +20 °C, capacitors shall meet the following limits.
Capacitance change Within ±30 % of the initial value (code U : ±35 %)
tan
d
< 300 % of the initial limit (code U : ±350 %)
DC leakage current Within the initial limit
Shelf life
After storage for 1000 hours at +125 °C±2 °C with no voltage applied and then being stabilized
at +20 °C, capacitors shall meet the limits specified in Endurance (With voltage treatment)
Resistance to
soldering heat
After reflow soldering and then being stabilized at +20 °C, capacitors shall meet the following limits.
Capacitance change Within ±10 % of the initial value
tan
d
Within the initial limit
DC leakage current Within the initial limit
AEC-Q200
AEC-Q200 compliant
Example : 10 V.DC 100 µF, 10 V.DC 1000 µF
Marking color : BLACK
Lead-Free products (
< 010)
Lead-Free products (
> 012.5)
Size
code 0
D
L
A, B
H
I
W
P
K
E
8.0
6.2±0.3
8.3
9.5 max. 3.4
0.65±0.1
2.2 0.35 - 0.20
F
8.0 10.2±0.3 8.3 10.0 max. 3.4
0.90±0.2
3.1 0.70±0.20
G
10.0 10.2±0.3 10.3 12.0 max. 3.5
0.90±0.2
4.6 0.70±0.20
H13 12.5 13.5±0.5 13.5 15.0 max. 4.7
0.90±0.3
4.4 0.70±0.30
J16 16.0 16.5±0.5 17.0 19.0 max. 5.5
1.20±0.3
6.7 0.70±0.30
K16 18.0 16.5±0.5 19.0 21.0 max. 6.7
1.20±0.3
6.7 0.70±0.30
+ 0.15
Frequency (Hz)
120
1 k
10 k
100 k to
Correction factor
0.65
0.85
0.95
1.00
Dimensions
Marking
Frequency correction factor for ripple current
(Unit : mm)
R. Voltage
(V.DC)
10
16
25
35
50
63
80 100
Code
ACE
VH
J
K 2A
Mar. 2016
02


Similar Part No. - EEVTG1J331M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEVTG1J331M PANASONIC-EEVTG1J331M Datasheet
73Kb / 5P
Aluminum Electrolytic Capacitor/TG
EEVTG1J331M PANASONIC-EEVTG1J331M Datasheet
92Kb / 3P
Aluminum Electrolytic Capacitors/ TG
EEVTG1J331M PANASONIC-EEVTG1J331M Datasheet
84Kb / 3P
Aluminum Electrolytic Capacitors/ TG
EEVTG1J331M PANASONIC-EEVTG1J331M Datasheet
96Kb / 3P
Aluminum Electrolytic Capacitors/ TG
EEVTG1J331M PANASONIC-EEVTG1J331M Datasheet
84Kb / 3P
Aluminum Electrolytic Capacitors/ TG
More results

Similar Description - EEVTG1J331M

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com