Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRB2040CT Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # MBRB2040CT
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

MBRB2040CT Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  MBRB2040CT Datasheet HTML 1Page - Diode Semiconductor Korea MBRB2040CT Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TJ =25
Pulse width=300 S
1% Duty Cycle
. 2
. 4
. 6
. 8
1.0
1 . 2
1 . 4
1 . 6
1 . 8
2.0
2.2
1
10
1 0 0
2 0 0
MBRB2030CT-MBRB2045CT
MBRB2050CT-MBRB2060CT
040
60
20
100
120
140
80
TC=25
℃
0.1
1.0
.01
Tc=100
℃
0
4
8
0
30
60
90
120
150
12
16
20
0
30
1
100
150
60
90
120
10
8.3ms Single Half Sine Wave
TJ=125
FIG.3 -- TYPICAL FORWARD CHARACTERISTIC
FIG.4 -- TYPICAL REVERSE CHARACTERISTIC
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
NUMBER OF CYCLES AT 60HZ
CASE
TEMPERATURE,
FIG.2 -- FORWARD DERATING CURVE
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
FIG.1 -- PEAK FORWARD SURGE CURRENT
MBRB2030CT - - - MBRB2060CT
10
MBRB2030CT -MBRB2045CT
MBRB2050CT-MBRB2060CT
MBRB2030CT- MBRB2045CT
MBRB2050CT-MBRB2060CT
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com