Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7450 Datasheet(PDF) 2 Page - International Rectifier

Part # IRF7450
Description  SMPS MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7450 Datasheet(HTML) 2 Page - International Rectifier

  IRF7450 Datasheet HTML 1Page - International Rectifier IRF7450 Datasheet HTML 2Page - International Rectifier IRF7450 Datasheet HTML 3Page - International Rectifier IRF7450 Datasheet HTML 4Page - International Rectifier IRF7450 Datasheet HTML 5Page - International Rectifier IRF7450 Datasheet HTML 6Page - International Rectifier IRF7450 Datasheet HTML 7Page - International Rectifier IRF7450 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRF7450
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
gfs
Forward Transconductance
2.6
–––
–––
SVDS = 50V, ID = 1.5A
Qg
Total Gate Charge
–––
26
39
ID = 1.5A
Qgs
Gate-to-Source Charge
–––
6.0
9.0
nC
VDS = 160V
Qgd
Gate-to-Drain ("Miller") Charge
–––
12
18
VGS = 10V,
td(on)
Turn-On Delay Time
–––
10
–––
VDD = 100V
tr
Rise Time
–––
3.0
–––
ID = 1.5A
td(off)
Turn-Off Delay Time
–––
17
–––
RG = 6.0Ω
tf
Fall Time
–––
18
–––
VGS = 10V
ƒ
Ciss
Input Capacitance
–––
940
–––
VGS = 0V
Coss
Output Capacitance
–––
160
–––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
33
–––
pF
ƒ = 1.0MHz
Coss
Output Capacitance
–––
1100 –––
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
Coss
Output Capacitance
–––
66
–––
VGS = 0V, VDS = 160V, ƒ = 1.0MHz
Coss eff.
Effective Output Capacitance
–––
25
–––
VGS = 0V, VDS = 0V to 160V
…
Dynamic @ TJ = 25°C (unless otherwise specified)
ns
Parameter
Typ.
Max.
Units
EAS
Single Pulse Avalanche Energy
‚
–––
230
mJ
IAR
Avalanche Current

–––
2.5
A
Avalanche Characteristics
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 1.5A, VGS = 0V
ƒ
trr
Reverse Recovery Time
–––
97
146
ns
TJ = 25°C, IF = 1.5A
Qrr
Reverse RecoveryCharge
–––
350
525
nC
di/dt = 100A/µs
ƒ
Diode Characteristics
2.3
20
A
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
200
–––
–––
VVGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.26
–––
V/°C
Reference to 25°C, ID = 1mA
ƒ
RDS(on)
Static Drain-to-Source On-Resistance
–––
–––
0.17
Ω
VGS = 10V, ID = 1.5A
ƒ
VGS(th)
Gate Threshold Voltage
3.0
–––
5.5
V
VDS = VGS, ID = 250µA
–––
–––
25
µA
VDS = 200V, VGS = 0V
–––
–––
250
VDS = 160V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 30V
Gate-to-Source Reverse Leakage
–––
–––
-100
nA
VGS = -30V
IGSS
IDSS
Drain-to-Source Leakage Current



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com