Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN08-C Datasheet(PDF) 2 Page - Bi technologies

Part # EN08-C
Description  8 mm Rotary Encoder
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

EN08-C Datasheet(HTML) 2 Page - Bi technologies

  EN08-C Datasheet HTML 1Page - Bi technologies EN08-C Datasheet HTML 2Page - Bi technologies EN08-C Datasheet HTML 3Page - Bi technologies EN08-C Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model EN08
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
1/3/2014
page 2 of 4
BI technologies
ORDERING INFORMATION2
Shaft Type for P08x-N
Shaft Type for P08x-S
2
Contact our customer service for custom designs and features.
CIRCUIT DIAGRAM
EN08 – N D 1 6 F 20
Model Series
D: Dust Proof
N: Without Switch
S: With Switch
Shaft Type
See Below
Shaft Length
See Below
Detents :
1 = No Detent
2 = 20 Detents
EN08 – C D 1 6
Model Style
C: Dual Encoders with
Concentric Shaft
D: Dust Proof
Detents:
1 = No Detent
2 = 20 Detents
Bushing thread:
6 = M6
7 = M7
Bushing thread:
6 = M6
7 = M7



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com