Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP Datasheet(PDF) 2 Page - Bi technologies

Part # ESP
Description  Precision Potentiometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

ESP Datasheet(HTML) 2 Page - Bi technologies

  ESP Datasheet HTML 1Page - Bi technologies ESP Datasheet HTML 2Page - Bi technologies ESP Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2-10
Model B, D & E Series
Total Mechanical Travel
Number of Gangs, Maximum
Weight, Nominal Per Gang
Static Stop Strength
Backlash, Maximum
Shaft End Play, Maximum
Shaft Runout, T.I.R., Maximum
Pilot Diameter Runout, T.I.R., Maximum
Lateral Runout, T.I.R., Maximum
Start/Run Torque, Maximum
5,400° +4° -0°
9,000° +4° -0°
14,400° +4° -0°
31
1
13 oz.
17 oz.
21 oz.
1.150 oz.-in.
730 oz.-in.
730 oz.-in.
0.2°
0.2°
0.2°
0.007" / 0.005"
0.016" / 0.007"
0.016" / 0.007"
0.0005" / 0.001"
0.002"
0.002"
0.002" / 0.0015"
0.002"
0.002"
0.003" / 0.0065"
0.003" / 0.004"
0.003" / 0.004"
2.7 / 2.0 oz.-in.
3.5 / 2.5 oz.-in.
3.5 / 2.5 oz.-in.
SPECIAL FEATURE CODES
Center Tap
CT
Linearity Tape
LT
Rear Shaft Extension
RS
Flatted Shaft
FS
Slotted Shaft
SS
Metric equivalents, based on 1 inch = 25.4mm are rounded to
the same number of significant figures as in the original
English units and are provided for general information only.
Tolerances unless otherwise specified:
Linear = ± .01 inches
(.25mm)
Angular = ± 2 degrees
ORDERING INFORMATION
CIRCUIT DIAGRAM
B R 10K T1 L .5 XX
Model Series
Resistance Prefix
Resistance Value
Optional Special
Feature Code
Linearity
Optional
Non-Standard Tolerance
(CCW)
(S)
(CW)
NOTES
mm
INCH
MECHANICAL
B / BSP
D / DSP
E / ESP
15 TURN
25 TURN
40 TURN



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com