Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

405 Datasheet(PDF) 2 Page - Bi technologies

Part # 405
Description  Precision Potentiometer / Position Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

405 Datasheet(HTML) 2 Page - Bi technologies

  405 Datasheet HTML 1Page - Bi technologies 405 Datasheet HTML 2Page - Bi technologies 405 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
July 29, 2014
Model 405 page 2 of 3
ENVIRONMENTAL (MIL-PRF-39023)
ORDERING INFORMATION
Model Series
Resistance Prefix
Resistance Value
Optional Feature Code
(see table)
Optional Non-standard Tolerance
405 200 R 10K T10 L1.0 2G
FEATURE CODES
Model 405
Linearity Tape
LT
Two Gangs (dual section)
2G
Threaded shaft (5-40 UNC-3A)
TS
Operating Temperature Range
-40°C to +125°C dynamic, -55°C to +125°C static
Load Life
5 million shaft actuations at rated power & 70°C, maximum 10% ΔR
Electrical Travel
(see Table 1)
Electrical Travel (Inches)
1”
2”
3”
Ordering #
100
200
300
Standard Resistance Range (Ohms)
1K to 300K
2K to 600K
3K to 900K
Hybrid (low TCR) resistance range (Ohms)
400 to 30K
700 to 60K
1K to 90K
Standard Independent Linearity
±1.5%
±1.5%
±1.0
Minimum Practical Independent Linearity
1.0
1.0
0.75
Power Rating (Watts)
0.75
1.0
1.5
Mechanical Travel (Inches)
1.060”
2.060”
3.060”
Table 1
CIRCUIT DIAGRAM
Optional Non-standard Linearity



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com