Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

404 Datasheet(PDF) 2 Page - Bi technologies

Part # 404
Description  Position Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

404 Datasheet(HTML) 2 Page - Bi technologies

  404 Datasheet HTML 1Page - Bi technologies 404 Datasheet HTML 2Page - Bi technologies 404 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
Operating Temperature Range
-40°C to +125°C dynamic, -55°C to +125°C static
Load Life
1 million shaft cycles at 0.25 Watts & 70°C, maximum 10% ΔR
ENVIRONMENTAL (MIL-PRF-39023)
ORDERING INFORMATION
Model Series
Resistance Prefix
Resistance Value
Optional Feature Code
(see table)
Optional Non-standard Tolerance
404 R 10K T5 L1.0 xx
FEATURE CODES
Model 404
Linearity
Retract
2 3
1
CIRCUIT DIAGRAM
Linearity Tape
LT
February 10, 2014
Model 404 page 2 of 3
Total Mechanical Travel
0.56” ±0.015” (14.2 mm ±0.38 mm)
Actuating Force
14 oz. maximum, internal spring to return slider to extended position
Backlash
0.003” maximum
Static Stop Strength
20 lb. minimum
Body Style
rectangular
Termination Style
turret terminations
MECHANICAL



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com