Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

424 Datasheet(PDF) 3 Page - Bi technologies

Part # 424
Description  Precision Potentiometer / Position Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

424 Datasheet(HTML) 3 Page - Bi technologies

  424 Datasheet HTML 1Page - Bi technologies 424 Datasheet HTML 2Page - Bi technologies 424 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
April 20, 2012
Model 400 page 3 of 3
Model 400
OUTLINE DRAWINGS
Wire Leads
Dual*
Section Single
Section
Dual*
Section Single
Section
"L" ±.030
.200 Max.
Solderable
Terminals
1.000±.030
(Fully
Retracted)
.1248 Dia.**
.750
Dia.
+.002
-.006
Wire Leads
Lead Wires for Dual*
Section (if required)
Terminals for Dual*
Section (if required)
Mounting Hole
.188 Dia. (Typ. 4 Plcs.)
Solderable
Terminals
"L" ± .030
.745 Dia.
1.000±.030
(Fully
Retracted)
.1248
Dia.**
.188Typ.
"M43" ± .020
1.150Max.
.885
Max.
.890
Max.
.437
1.500
Wire Leads
Dual*
Section Single
Section
Dual*
Section
Single
Section
1.030
Max.
.500
.625
"L" ± .030
1.000±.030
(Fully
Retracted)
.1248 Dia.**
Solderable
Terminals
Wire Leads
Dual*
Section Single
Section
Dual*
Section
Single
Section
.531
.375±.010
.1248
Dia.
1.000±.030
(Fully
Retracted)
"L" ± .030
Solderable
Terminals
.250Typ.
Mounting Hole .136 Dia.(Typ. 4 Plcs.)
"M48" ± .020
.500
.625
.281
1.030
Max.
Model 423
Wire Lead Model
Model 424
Terminal Model
Model 434
Terminal Model
Model 474
Terminal Model
Model 484
Terminal Model
Model 432
Wire Lead Model
Model 472
Wire Lead Model
Model 482
Wire Lead Model
Model
Number
Elect. Travel
Inch±0.015
Mech. Travel
Inch±0.030
Dim “L”
Inch±0.030
Dim “M43”
Inch±0.020
Dim “M48”
Inch±0.020
4XX-050
0.500
0.560
1.500
1.188
1.750
4XX-100
1.000
1.060
2.000
1.688
2.250
4XX-200
2.000
2.060
3.000
2.688
3.250
4XX-300
3.000
3.060
4.000
3.688
4.250
4XX-400
4.000
4.100
5.000
4.688
5.250
4XX-500
5.000
5.100
6.000
5.688
6.250
4XX-600
6.000
6.100
7.000
6.688
7.250
Notes:
*
Dual sections and Center Tap are available on special order only
**
Diameter is 0.1248” +0.0000” / -0.0003”
Unspecified tolerances are ±0.005”
Dimensions for “Wire Lead” models are the same as “Terminal” models except as indicated.
Housings, brackets, and caps are anodized aluminum.
Wire leads are #26 wire, 12 inch minimum length, meets MIL-C-16878C.
Shafts are stainless steel, chamfer is 0.015” x 45°.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com