Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

434 Datasheet(PDF) 2 Page - Bi technologies

Part # 434
Description  Precision Potentiometer / Position Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

434 Datasheet(HTML) 2 Page - Bi technologies

  434 Datasheet HTML 1Page - Bi technologies 434 Datasheet HTML 2Page - Bi technologies 434 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
April 20, 2012
Model 400 page 2 of 3
ENVIRONMENTAL (MIL-PRF-39023)
ORDERING INFORMATION
Model Series
Resistance Prefix
Resistance Value
Optional Feature Code
(see table)
Optional Non-standard Tolerance
423 600 R 10K T5 L.25 xx
FEATURE CODES
Model 400
Linearity
Center Tap
CT
Linearity Tape
LT
Two Gangs (dual section)
2G
Operating Temperature Range
-40°C to +125°C dynamic, -55°C to +125°C static
Load Life
10 million shaft actuations at rated power & 70°C, maximum 10% ΔR
Electrical Travel
(see Table 1)
Electrical Travel (Inches)
0.5”
1.0”
2.0”
3.0”
Ordering #
050
100
200
300
Standard Resistance Range (Ohms)
1K to 150K
2K to 300K
4K to 600K
8K to 900K
Standard Independent Linearity
±1.0%
±0.75%
±0.5%
±0.5%
Minimum Practical Independent Linearity
0.5%
0.25%
0.25%
0.25%
Power Rating (Watts)
0.5
0.75
1.0
1.5
Mechanical Travel (Inches)
0.6”
1.1”
2.1”
3.1”
Table 1
Electrical Travel (Inches)
4.0”
5.0”
6.0”
Ordering #
400
500
600
Standard Resistance Range (Ohms)
1.2K to 1Meg
1.5K to 1.3Meg
2K to 1.5Meg
Standard Independent Linearity
±0.5%
±0.5%
±0.25%
Minimum Practical Independent Linearity
0.25%
0.25%
0.15%
Power Rating (Watts)
2.0
2.5
3.0
Mechanical Travel (Inches)
4.1”
5.1”
6.1”
Green
Brown (if req'd.)
Yellow
Red
Single
Section
Dual
Section
(ifreq'd.)
White/Red
White/Yellow
White/Brn (if req'd.)
White/Green
Shaft
Extend
CIRCUIT DIAGRAM



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com