Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

22S Datasheet(PDF) 2 Page - Bi technologies

Part # 22S
Description  Cermet Trimming Potentiometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

22S Datasheet(HTML) 2 Page - Bi technologies

  22S Datasheet HTML 1Page - Bi technologies 22S Datasheet HTML 2Page - Bi technologies 22S Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
PACKAGING
ORDERING INFORMATION
Model Series
Pin Style
Resistance Prefix
Packaging Option:
TR = Tape & Reel
Resistance Value
22 A R 10K LF TR
RoHS compliant product code
(required, not optional)
CIRCUIT DIAGRAM
(1)
(2)
(3)
CW
Model 22
Pin Style
A
S
Tape
Width =
12 mm
16 mm
Sprocket =
4 mm pitch
4 mm pitch
Capacity =
1000 units
200 units
Reel
Diameter =
7” (178 mm)
10” (254 mm)
Option (TR code): Tape & Reel. All units oriented with #2 (slider) pin adjacent to sprocket holes.
Standard (no code): Boxes. Capacity = 100 units.
STANDARD RESISTANCE VALUES
10
100
1K
10K
100K
1Meg
20
200
2K
20K
200K
2Meg
50
500
5K
50K
500K
August 12, 2010
Model 22 page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com