Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

36W Datasheet(PDF) 2 Page - Bi technologies

Part # 36W
Description  Cermet Trimming Potentiometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

36W Datasheet(HTML) 2 Page - Bi technologies

  36W Datasheet HTML 1Page - Bi technologies 36W Datasheet HTML 2Page - Bi technologies 36W Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Model 36
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
May 21, 2009
page 2 of
3
BI technologies
ENVIRONMENTAL
Operating Temperature Range
-30°C to +100°C
Rotational Life, 50 Cycles
±10%
ΔR
Load Life, 0.3W, 500 Hours, 70
°C
±5%
ΔR
Resistance to Solder Heat
260
°C for 3 sec.
Aqueous cleaning not recommended
ORDERING INFORMATION2
CIRCUIT DIAGRAM
STANDARD RESISTANCE VALUES AND MARKING
Resistance
(ohms)
Part
Marking
100
12
200
22
500
52
1K
13
2K
23
5K
53
10K
14
20K
24
50K
54
100K
15
200K
25
500K
55
1MEG
16
2
Contact our customer service for custom designs and features.
36 W R10K LF
Model Series
Style F, K, W, P
RoHS Compliant Product Code
Resistance Value (see tables below)
Std. Package 1000 pc/box



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com