Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRU3048CS Datasheet(PDF) 13 Page - International Rectifier

Part # IRU3048CS
Description  DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3048CS Datasheet(HTML) 13 Page - International Rectifier

Back Button IRU3048CS Datasheet HTML 9Page - International Rectifier IRU3048CS Datasheet HTML 10Page - International Rectifier IRU3048CS Datasheet HTML 11Page - International Rectifier IRU3048CS Datasheet HTML 12Page - International Rectifier IRU3048CS Datasheet HTML 13Page - International Rectifier IRU3048CS Datasheet HTML 14Page - International Rectifier IRU3048CS Datasheet HTML 15Page - International Rectifier IRU3048CS Datasheet HTML 16Page - International Rectifier IRU3048CS Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
IRU3048
13
Rev. 1.7
09/12/02
www.irf.com
Ref Desig
Description
Value
Qty
Part#
Manuf
Web site (www.)
1
2
1
1
2
1
1
7
2
2
1
2
2
2
1
5
4
1
2
4
1
1
1
1
Q1
Q2, Q3
U1
D1
L1, L2
L3
L4
C1,7,8,13,
14,17,23
C2, C4
C3, C24
C5
C9, C15
C10, C20
C18, C19
C6
C11,12,16
21,22
R1,3,10,12
R2
R4, R13
R5,7,8,15
R6
R9
R11
R14
MOSFET
MOSFET
Controller
Diode
Inductor
Inductor
Inductor
Cap, Ceramic
Cap, Tantalum
Cap, Ceramic
Cap, Ceramic
Cap, Tantalum
Cap, Ceramic
Cap, Ceramic
Cap, Poscap
Cap, Poscap
Resistor
Resistor
Resistor
Resistor
Resistor
Resistor
Resistor
Resistor
IRLR2703
IRF7313
IRU3048CF
BAT54S
ELL6SH1R0M
ELLATV6R8M
ETQP6F102HFA
ECJ-2VF1C105Z
ECS-T1CD336R
ECJ-2VF1E104Z
ECJ-3YB1E105K
ECS-T1AD476R
ECJ-2VC1H471J
ECJ-2VB1H182K
16TPB47M
6TPC150M
IR
IR
IR
IR
Panasonic
Panasonic
Panasonic
Panasonic
Panasonic
Panasonic
Panasonic
Panasonic
Panasonic
Panasonic
Sanyo
Sanyo
30V, 45m
V
30V, 29m
V, 5.2A
Synchronous PWM
Fast Switching
1
mH, 2.9A
6.8
mH, 4A
10.2
mH, 4A
1
mF, Y5V, 16V
33
mF, 16V
0.1
mF, Y5V, 25V
1
mF, X7R, 25V
47
mF, 10V
470pF, X7R, 50V
1800pF, X7R, 50V
47
mF, 16V, 70mV
150
mF, 6.3V, 40mV
2.15
V
10
V
4.7
V
1K, 1%
1.65K, 1%
46.4K
39.2K
442
V, 1%
irf.com
maco.panasonic.co.jp
sanyo.com/industrial
DEMO-BOARD APPLICATION
12V to 3.3V @ 4A
5V to 1.8V @ 4A
3.3V to 2.5V @ 2A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com