Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1675 Datasheet(PDF) 13 Page - Semtech Corporation

Part # GS1675
Description  SD/HD SDI Reclocker
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1675 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button GS1675 Datasheet HTML 9Page - Semtech Corporation GS1675 Datasheet HTML 10Page - Semtech Corporation GS1675 Datasheet HTML 11Page - Semtech Corporation GS1675 Datasheet HTML 12Page - Semtech Corporation GS1675 Datasheet HTML 13Page - Semtech Corporation GS1675 Datasheet HTML 14Page - Semtech Corporation GS1675 Datasheet HTML 15Page - Semtech Corporation GS1675 Datasheet HTML 16Page - Semtech Corporation GS1675 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
GS1675 SD/HD SDI Reclocker
Data Sheet
54174 - 1
June 2011
13 of 37
The LOS mode can be selected using the host interface, in register TOP_1. The LOS
detector has two major modes. In legacy mode, a simple edge-based detector is used to
monitor the received signal at the output of the data slicer. Since the incoming signal has
undergone considerable gain by this point, the legacy detector can be more susceptible
to false de-assertion of LOS for unused channels which experience significant cross-talk
from adjacent active channels.
The new LOS detector uses a measure of both signal amplitude and duration to minimize
false detection of the impulse like signals that are characteristic of cross-talk. In this
mode, the signal is tapped off at the output of the equalizer stage, prior to the high gain
buffers.
The threshold setting within the detector can be adjusted to increase or decrease its
sensitivity. Higher sensitivity allows lower amplitude signals to be detected but also
increases the susceptibility to false de-assertion of LOS due to noise or cross-talk.
Therefore the lowest sensitivity acceptable for a given application should always be
used. See TOP_1 register, bits 8:7, in the host register map.
NOTE:
It is also possible to have both legacy mode & threshold mode enabled together.
In this case, the reclocker must detect transitions within a set window, and the signal
amplitude must be greater than the setting for the LOS threshold.
3.6 Serial Digital Reclocker
The output of the Equalizer is fed to the reclocker. The function of the reclocker is to
re-time the input signal and to generate system clocks.
The reclocker operates at two data rates; 1.485Gb/s and 270Mb/s, and provides a
minimum input jitter tolerance of 0.8UI to square-wave-modulated jitter.
When there is no serial input signal, the internal clock maintains a frequency close to the
expected incoming data rate by locking to the external reference crystal.
3.7 Lock Detection
The lock detect block indicates, via the active-high LOCKED signal, when the device has
achieved lock to the incoming data stream.
The lock logic within the GS1675 includes a system that monitors the frequency and the
phase of the incoming data, as well as a monitor to detect harmonic lock.
The LOCKED output signal is also available via the host interface.
Table 3-3: Lock Operation
LOCKED
Status
HIGHLocked
LOW
Not locked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com