Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2965 Datasheet(PDF) 2 Page - Semtech Corporation

Part # GS2965
Description  Multi-Rate SDI Reclocker with Equalization & De-emphasis
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2965 Datasheet(HTML) 2 Page - Semtech Corporation

  GS2965 Datasheet HTML 1Page - Semtech Corporation GS2965 Datasheet HTML 2Page - Semtech Corporation GS2965 Datasheet HTML 3Page - Semtech Corporation GS2965 Datasheet HTML 4Page - Semtech Corporation GS2965 Datasheet HTML 5Page - Semtech Corporation GS2965 Datasheet HTML 6Page - Semtech Corporation GS2965 Datasheet HTML 7Page - Semtech Corporation GS2965 Datasheet HTML 8Page - Semtech Corporation GS2965 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
GS2965 Multi-Rate SDI Reclocker with Equalization &
De-emphasis
Data Sheet
52462 - 4
July 2012
2 of 41
Proprietary & Confidential
GS2965 Functional Block Diagram
Revision History
Control
VCO
Retimer
SPI
LDO
LDO
XTAL-
CP_CAP
DDI0
DDI0
DDI1
DDI1
LOS
DDO0
DDO1/RCO
Equalizer/
Data Mux
XTAL
OSC
Phase
Frequency
Detector
Phase
Detector
Selectable
Divide
LOS
Detect
Charge
Pump
Selectable
Divide
Data
Buffer
Clock/
Data
Buffer
SD/HD
DDO0
DDO1/RCO
1.8V
XTAL+
VDD_1p8
LOCKED
LF+
Version
ECR
PCN
Date
Changes and/or Modifications
4
158268
–
July 2012
Removed jumper from Figure 5-1: GS2965 Typical Application Circuit.
3
158128
–
May 2012
Corrected 4.15.3 section to make it easier to follow and changed to Semtech
Template.
2
157651
–
February 2012
Correction to Pin Number 9 under Description column in Table 1-1: GS2965
Pin Descriptions. Updated Section 4.14.
1
153705
–
March 2010
Converted to Data Sheet. Updated Power numbers in Table 2-1: DC Electrical
Characteristics. Added Table 4-5: Suggested LOS Threshold Settings.
0
152589
–
September
2009
Converted to Preliminary Data Sheet. Updates to Electrical Characteristics.
Updates to Section 4.15 Host Interface.
C
151996
–
July 2009
Added Section 4.15 Host Interface. Updated Power numbers in Table 2-1: DC
Electrical Characteristics and Loop Bandwidth numbers in Table 2-2: AC
Electrical Characteristics.
Added Table 1-2: GS2965 Default Start-up Settings and Figure 4-2:
De-emphasis Waveform.
B
151955
–
May 2009
Changed 6.1 Package Dimensions, 6.2 Recommended PCB Footprint.
A
151772
–
April 2009
New document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com