Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISQ201 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ISQ201
Description  HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ISQ201 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ISQ201 Datasheet HTML 1Page - List of Unclassifed Manufacturers ISQ201 Datasheet HTML 2Page - List of Unclassifed Manufacturers ISQ201 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DB91021m-AAS/A4
PARAMETER
MIN TYP MAX UNITS
TEST CONDITION
Input
Forward Voltage (V
F)
1.2
1.65
V
I
F = 50mA
Reverse Current (I
R)
10
µA
V
R = 4V
Output
Collector-emitter Breakdown (BV
CEO)
70
V
I
C = 1mA
( Note 2 )
Emitter-collector Breakdown (BV
ECO)
6
V
I
E = 100µA
Collector-emitter Dark Current (I
CEO)
50
nA
V
CE = 10V
Coupled
Current Transfer Ratio (CTR) (Note 2)
IS201, ISD201, ISQ201
75
%
10mA I
F , 10V VCE
IS201, ISD201, ISQ201
10
%
1mA I
F , 10V VCE
IS202, ISD202, ISQ202
125
250
%
10mA I
F , 10V VCE
IS202, ISD202, ISQ202
30
%
1mA I
F , 10V VCE
IS203, ISD203, ISQ203
225
450
%
10mA I
F , 10V VCE
IS203, ISD203, ISQ203
50
%
1mA I
F , 10V VCE
IS204, ISD204, ISQ204
200
400
%
10mA I
F , 10V VCE
IS204, ISD204, ISQ204
100
%
1mA I
F , 10V VCE
Collector-emitter Saturation Voltage V
CE(SAT)
0.2
0.4
V
10mA I
F , 2mA IC
Input to Output Isolation Voltage V
ISO
5300
V
RMS
See note 1
7500
V
PK
See note 1
Input-output Isolation Resistance R
ISO
5x1010
Ω
V
IO = 500V (note 1)
Output Turn on Time
t
ON
3.0
µs
I
F = 10mA
Output Turn off Time
t
OFF
2.5
µs
V
CE = 5V, RL = 75Ω
Note 1
Measured with input leads shorted together and output leads shorted together.
Note 2
Special Selections are available on request. Please consult the factory.
12/3/03
ABSOLUTE MAXIMUM RATINGS
(25°C unless otherwise specified)
Storage Temperature
-40°C to + 125°C
Operating Temperature
-25°C to + 100°C
Lead Soldering Temperature
(1/16 inch (1.6mm) from case for 10 secs) 260°C
INPUT DIODE
Forward Current
50mA
Reverse Voltage
6V
Power Dissipation
70mW
OUTPUT TRANSISTOR
Collector-emitter Voltage BV
CEO
70V
Emitter-collector Voltage BV
ECO
6V
Power Dissipation
150mW
POWER DISSIPATION
Total Power Dissipation
170mW
(derate linearly 2.67mW/°C above 25°C)
ELECTRICAL CHARACTERISTICS ( T
A = 25°C Unless otherwise noted )



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com