Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS61002 Datasheet(PDF) 8 Page - Semtech Corporation

Part # TS61002
Description  Full-bridge FET Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS61002 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button TS61002 Datasheet HTML 3Page - Semtech Corporation TS61002 Datasheet HTML 4Page - Semtech Corporation TS61002 Datasheet HTML 5Page - Semtech Corporation TS61002 Datasheet HTML 6Page - Semtech Corporation TS61002 Datasheet HTML 7Page - Semtech Corporation TS61002 Datasheet HTML 8Page - Semtech Corporation TS61002 Datasheet HTML 9Page - Semtech Corporation TS61002 Datasheet HTML 10Page - Semtech Corporation TS61002 Datasheet HTML 11Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
1
1
2
2
3
3
4
4
D
D
C
C
B
B
A
A
1
200 Flynn Road
Camarillo, CA 93012
www.semtech.com
4
Wireless Power TX WPC1.2/PMA SR1E
2.3
3/9/2016
11:25:17 AM
Title
Size:
Number:
Date:
Revision:
Sheet
of
Time:
Letter
1-Coil / 5-15W / 12V
Semtech Proprietary and Confidential Information.
Do not distribute or copy.
150
R8
LEDG1
NP
D1
AC_PEAK
Green+
1
Green-
2
Red+
3
LED
Red-
4
NP
J3
CONN_LED
150
R7
100nF
NP
C5
10K
R2
TEMP
LEDR1
1.5K
NP
R9
VBUS
1
D-
2
D+
3
ID
4
GND
5
SHLD
Micro-B
USB
Receptacle
NP
J4
ZX62D-B-5P8
IO1
1
GND
2
IO2
3
IO3
4
V+
5
IO4
6
NP
U2
IP4221CZ6-S,115
VCC3V
USB data (Optional for the bootloader)
PGND
PGND
USBD_N
USBD_P
AVCC
VCC3V
100nF
C11
VCC3V
4.7uF
6.3V
C1
100nF
C3
100nF
C2
100nF
C4
GND
10K
NP
R5
GND
AGND
600
L1
DC_CURRENT
PWM1_H
PWM1_L
PWM2_H
PWM2_L
DC_VOLTAGE
PWM1_H
PWM1_L
PWM2_H
PWM2_L
VDD
1
TMS
2
TCK
3
nSRST
4
DEBUG
GND
5
NP
J1
951105-7622-AR
GND
USBD_P
USBD_N
4.7uF
6.3V
C6
100nF
C7
4.7nF
C8
1.0
R1
LEDG1
LEDR1
DRV_EN
TEMP
RESET
RESET
DRV_EN
VCC
1
SDA/RX
2
SCL/TX
3
I2C/UART
GND
4
NP
J2
68000-104HLF
VCC3V
PGND
SCL_TXD
SDA_RXD
OSC_IN
2
OSC_OUT
3
NRST
4
AGND
5
AVDD
6
THERM/FOD
7
AGPIO1
8
AGPIO2/AC1_VOLTAGE
9
AGPIO3/AC2_VOLTAGE
10
AC3_VOLTAGE
11
DC_VOLTAGE
12
DC_CURRENT
13
PWM1_L
14
PWM2_L
15
AC_MAX
16
GPIO2
17
PWM1_H
20
PWM2_H
21
GPIO10
22
GPIO11/USBD_N
23
GPIO12/USBD_P
24
GPIO13/JTMS
25
GPIO14/JTCK
28
GPIO15
29
GPIO3
30
GPIO4
31
GPIO5
32
SCL/TXD
33
SDA/RXD
34
GND
35
GND
36
VDD
1
GND
18
VDD
19
VDD
27
GND
26
PAD
37
U1
TS80000
8pF
NP
C9
8pF
NP
C10
220
R3
GND
OSC_OUT
OSC_IN
8MHz
1
3
Y1
SCL_TXD
SDA_RXD
VCC3V
AC_PEAK
AC_AMPL
DC_VOLTAGE
DC_CURRENT
AC_V
AGND
PGND PGND
PGND
AC_V
AC_AMPL
AC_PHASE
AVCC
AC_GAIN
AC_PHASE
SYNC1
SYNC1
VCC3V
47K
R4
100K
R6
AC_GAIN
TP4
AC_PHASE
TP1
THERM
TP6
TP7
DC_VOLTAGE
DC_CURRENT
TP5
AC_V
TP3
AC_AMPL
TP2
AC_PEAK
1
1
2
2
3
3
4
4
D
D
C
C
B
B
A
A
0
R15
0
R18
100nF
50V
C23
PGND
PGND
SW1
0
R23
0
R27
100nF
50V
C31
PGND
PGND
SW2
1
R16
1
R25
VBRIDGE
VBRIDGE
2
Q1A
4
Q1B
2
Q2A
4
Q2B
47nF
C40
1
R21
47nF
C27
1
R14
PGND
VS1
1
HO1
2
LO1
3
VCCG
4
PGND
5
LO2
6
HO2
7
VS2
8
VB2
9
LS1ON
10
HS1ON
11
LS2ON
12
AGND
13
VOUTA
14
CA
15
LDO_EN
16
VLDO
17
HS2ON
18
RA
19
SYNC1
20
VIN
21
CB
22
VOUTB
23
GAIN
24
SYNC2
25
DRV_EN
26
RB
27
VB1
28
PAD
29
U4
TA61002
4.7uF
6.3V
C45
10uF
16V
C43
100nF
10V
C44
PGND
DRV_EN
PGND
PWM1_H
PWM1_L
PWM2_H
PWM2_L
2.0
NP
R26
PGND
2.7nF
50V
NP
C42
2.0
NP
R17
PGND
2.7nF
50V
NP
C29
SYNC1
AC_GAIN
AC_V
AC_V
AC_AMPL
AC_PHASE
AGND
AGND
47pF
NP
C30
47pF
NP
C39
100K
NP
R22
7.5K
R19
AC_AMPL
AC_PHASE
RB
CA
CB
100K
R24
220pF
C48
10nF
C47
100K
R28
1nF
250V
C46
CB
AC_AMPL
22uF
25V
C24
22uF
25V
C25
22uF
25V
C32
22uF
25V
C33
VSENSE
VCC3V
VCC5V
VCC5V
COIL
47nF
250V
C37
100nF
250V
C35
100nF
250V
C36
33nF
250V
C38
TEMP
AC
1
AC
2
COIL
J7
MP-A4 coil (8.9uH)
1
2
Therm
NP
J6
Coil Thermistor
PGND
100K
R20
VDIODES
AC_PEAK
100K
R33
1.5K
R34
100nF
C51
AGND
AGND
AC_PEAK
1nF
250V
C52
D3
BAS101S,215
7.5K
R32
AGND
200K
R30
4.7nF
250V
C49
7.5K
R29
7.5K
R31
33pF
C50
AVCC
D2
BAT54SW-7-F
VCC3V
AGND
AGND
AGND
VSENSE
COIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com