Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G02 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # 74LVC2G02
Description  DUAL 2-INPUT NOR GATE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC2G02 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button 74LVC2G02 Datasheet HTML 2Page - Diodes Incorporated 74LVC2G02 Datasheet HTML 3Page - Diodes Incorporated 74LVC2G02 Datasheet HTML 4Page - Diodes Incorporated 74LVC2G02 Datasheet HTML 5Page - Diodes Incorporated 74LVC2G02 Datasheet HTML 6Page - Diodes Incorporated 74LVC2G02 Datasheet HTML 7Page - Diodes Incorporated 74LVC2G02 Datasheet HTML 8Page - Diodes Incorporated 74LVC2G02 Datasheet HTML 9Page - Diodes Incorporated 74LVC2G02 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
74LVC2G02
Document number: DS37927 Rev 1 - 2
6 of 11
www.diodes.com
June 2016
© Diodes Incorporated
74LVC2G02
Parameter Measurement Information
RL
CL
(see Note A)
From Output
Under Test
VCC
Inputs
VM
CL
RL
VI
tr/tf
1.8V ± 0.15V
VCC
≤2ns
VCC/2
30pF
1kΩ
2.5V ± 0.2V
VCC
≤2ns
VCC/2
30pF
500Ω
2.7V
2.7V
≤2.5ns
1.5V
50pF
500Ω
3.3V ± 0.3V
2.7V
≤2.5ns
1.5V
50pF
500Ω
5.0V ± 0.5V
VCC
≤2.5ns
VCC/2
50pF
500Ω
Input
tW
VM
VM
Vl
0 V
Voltage Waveform Pulse Duration
Input
VM
VM
Vl
0 V
tPHL
tPLH
tPHL
VM
VM
VM
tPLH
VOH
VOL
VOH
VOL
Output
Output
VM
Voltage Waveform Propagation Delay Times
Inverting and Non Inverting Outputs
Figure 1. Load Circuit and Voltage Waveforms
Notes:
A. Includes test lead and test apparatus capacitance.
B. All pulses are supplie
d at pulse repetition rate ≤ 10MHz.
C. Inputs are measured separately one transition per measurement.
D. tPLH and tPHL are the same as tpd.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com