Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RU2AM Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # RU2AM
Description  HIGH EFFICIENCY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

RU2AM Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  RU2AM Datasheet HTML 1Page - Diode Semiconductor Korea RU2AM Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low cos t
Diffus ed junction
Low leakage
and s im ilar s olvents
MECHANICAL DATA
Cas e: JEDEC DO-15L, m olded plas tic
Method 208
Mounting: Any
Ratings at 25
am bient tem perature unles s otherwis e s pecified.
Single phas e,half wave,50 Hz,res is tive or inductive load. For capacitive load,derate by 20%.
Maximum peak repetitive reverse voltage
VRRM
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average f orw ard rectif ied current
9.5mm lead length,
@T
A =75
Peak f orw ard surge current
10ms single half -sine-w ave
superimposed on rated load
@T
J =125
Maximum instantaneous f orw ard voltage
@ 1.1A
VF
V
Maximum reverse current
@T
A =25
at rated DC blocking voltage
@T
A=100
Maximum reverse recovery time
(Note 1)
trr
ns
Typical junction capacitance
(Note 2)
CJ
pF
Typical thermal resistance
(Note 3)
RθJL
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
2. Measured at 1.0MH
Z and applied rev ers e v olt age of 4. 0V D C .
Term inals : Axial leads ,s olderable per MIL-STD-202,
600
420
600
RU2AM
RU2M
280
400
400
3. Therm al resistance junction to am bient .
Eas ily cleaned with freon, alcohol, ls opropand
Polarity: Color band denotes cathode
Weight: 0.017 ounces , 0.48 gram s
IR
100
IF(AV)
IFSM
- 55 ----- + 150
N OTE: 1.Meas ured with I
F =0. 5A, I R=1A, I rr=0. 25A.
1.2
20.0
RU2M(Z) --- RU2AM(Z)
- 55 ----- + 150
HIGH EFFICIENCY RECT IFIERS
VOLT AGE RANGE: 400 --- 600 V
CURRENT : 1.1 A
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
DO - 15L
Low forward voltage drop
High current capability
20
15
UNITS
15
A
1.1
A
A
10.0
300.0
Dimensions in millimeters
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - RU2AM

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RU2AM SANKEN-RU2AM Datasheet
18Kb / 1P
Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
RU2AM EIC-RU2AM Datasheet
39Kb / 2P
FAST RECOVERY RECTIFIER DIODES
logo
Sanken electric
RU2AM SANKEN-RU2AM Datasheet
78Kb / 2P
Fast-Recovery Rectifier Diodes
logo
Galaxy Semi-Conductor H...
RU2AM BILIN-RU2AM Datasheet
61Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Taychipst Elec...
RU2AM TAYCHIPST-RU2AM Datasheet
838Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
More results

Similar Description - RU2AM

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
HER101 HY-HER101 Datasheet
35Kb / 2P
HIGH EFFICIENCY RECTIFIERS
logo
SeCoS Halbleitertechnol...
HER201 SECOS-HER201 Datasheet
150Kb / 2P
High Efficiency Rectifiers
logo
Shenzhen Taychipst Elec...
UF5400 TAYCHIPST-UF5400 Datasheet
880Kb / 2P
HIGH EFFICIENCY RECTIFIERS
logo
Shenzhen Luguang Electr...
HER510T LUGUANG-HER510T Datasheet
208Kb / 2P
High Efficiency Rectifiers
HER1010 LUGUANG-HER1010 Datasheet
209Kb / 2P
High Efficiency Rectifiers
EG01Y LUGUANG-EG01Y Datasheet
174Kb / 2P
High Efficiency Rectifiers
EGP50A LUGUANG-EGP50A Datasheet
215Kb / 2P
High Efficiency Rectifiers
HER601 LUGUANG-HER601 Datasheet
290Kb / 2P
High Efficiency Rectifiers
logo
Microdiode Semiconducto...
1H2 CHENDA-1H2 Datasheet
74Kb / 2P
HIGH EFFICIENCY RECTIFIERS
logo
Digitron Semiconductors
1N5802 DIGITRON-1N5802 Datasheet
573Kb / 4P
RECTIFIERS HIGH EFFICIENCY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com