Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3401 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP3401
Description  1.5MHZ, 1A STEP-DOWN DC - DC BUCK CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3401 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP3401 Datasheet HTML 1Page - Diodes Incorporated AP3401 Datasheet HTML 2Page - Diodes Incorporated AP3401 Datasheet HTML 3Page - Diodes Incorporated AP3401 Datasheet HTML 4Page - Diodes Incorporated AP3401 Datasheet HTML 5Page - Diodes Incorporated AP3401 Datasheet HTML 6Page - Diodes Incorporated AP3401 Datasheet HTML 7Page - Diodes Incorporated AP3401 Datasheet HTML 8Page - Diodes Incorporated AP3401 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AP3401
Document number: DS37389 Rev. 2 - 2
2 of 11
www.diodes.com
June 2016
© Diodes Incorporated
AP3401
Typical Applications Circuit
R1
R2
VIN
EN
LX
FB
L1 2.2
mH
CIN
VIN=2.5V to 5.5V
GND
COUT
10
mF
VOUT=1.8V
ON
OFF
C1
22pF
300k
150k
PG
10
mF
100k
Pin Descriptions
Pin Number
Pin Name
Function
TSOT26
U-DFN2020-6
(Type J)
1
1
EN
Enable control input. Force this pin voltage above 1.5V enables the chip, and
below 0.4V shuts down the device
2
5
GND
Ground pin
3
4
LX
The drains of the internal main and synchronous power MOSFET
4
3
VIN
Bias supply. Chip main power supply pin
5
2
PG
Power good indicator, open drain output. PG is pulled up to VIN when the
output voltage is within 20% of the regulation level, otherwise it is low
6
6
FB
Feedback voltage to internal error amplifier, the threshold voltage is 0.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com