Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3983C Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP3983C
Description  HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3983C Datasheet(HTML) 2 Page - Diodes Incorporated

  AP3983C Datasheet HTML 1Page - Diodes Incorporated AP3983C Datasheet HTML 2Page - Diodes Incorporated AP3983C Datasheet HTML 3Page - Diodes Incorporated AP3983C Datasheet HTML 4Page - Diodes Incorporated AP3983C Datasheet HTML 5Page - Diodes Incorporated AP3983C Datasheet HTML 6Page - Diodes Incorporated AP3983C Datasheet HTML 7Page - Diodes Incorporated AP3983C Datasheet HTML 8Page - Diodes Incorporated AP3983C Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AP3983B/C/D
Document number: DS36784 Rev. 4 - 2
2 of 13
www.diodes.com
July 2016
© Diodes Incorporated
AP3983B/C/D
Typical Applications Circuit
+
J1
AC 90-264V
D1 to D4
C1
F1
+
C2
D6
L1
T1
FB
R6
D
VCC
R5
CS
+
C3
U1
CPC
C4
3
5,6
4
2
1
Np
Ns
Nfb
D5
C5
R4
Vo+
Vo-
GND
7
+
C7
R9
C8
+
R3
R13
R7
C6
R8
D7,D8
L2
CY1
C9
R12
R1
R2
For AP3983B/C/D (12V/1.5A)
Item
Function
QTY
Item
Function
QTY
C1, C2
15µF/400V, electrolytic
2
U1
AP3983D, PDIP-7
1
C3
4.7µF/50V, electrolytic
1
R1, R2
2M
, 1206
2
C4
10nF, ceramic, 0805
1
R3
200
, 1206
1
C5
1nF/250V, ceramic
1
R4
150k
, 1206
1
C6
1nF/100V, 0805
1
R5
22k
, 1%, 0805
1
C7, C8
1000µF/16V, electrolytic
2
R6
47k
, 1%, 0805
1
C9
10pF/16V, 0805
1
R7
2
, 1206
1
CY1
1nF/250VAC, Y1 capacitor
1
R8
30
, 1206
1
D1 to D6
1N4007, rectifier diode
6
R9
5.1k
,1206
1
D7, D8
MBR3100, Schottky diode
2
R12
1.2
, 1%, 1206
1
F1
2A/250V, fuse
1
R13
1.8
, 1%, 1206
1
L1
30mH, Common inductor, EE9.8
1
T1
EE20 core, PC40, transformer
1
L2
250µH/2A, Common inductor
1
–
–
–
Pin Descriptions
Pin Number
Pin Name
Function
1
CPC
This pin connects a capacitor to GND for output cable compensation
2
FB
The voltage feedback from auxiliary winding
3
VCC
This pin receives rectified voltage from the auxiliary winding of the transformer
4
CS
Current sense for primary side of transformer
5, 6
D
This pin is connected with an internal power MOSFET
’s drain
7
GND
This pin is the signal reference ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com