Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS90CF563 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90CF563
Description  LVDS 18-Bit Color Flat Panel Display (FPD) Link??65 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CF563 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS90CF563 Datasheet HTML 1Page - National Semiconductor (TI) DS90CF563 Datasheet HTML 2Page - National Semiconductor (TI) DS90CF563 Datasheet HTML 3Page - National Semiconductor (TI) DS90CF563 Datasheet HTML 4Page - National Semiconductor (TI) DS90CF563 Datasheet HTML 5Page - National Semiconductor (TI) DS90CF563 Datasheet HTML 6Page - National Semiconductor (TI) DS90CF563 Datasheet HTML 7Page - National Semiconductor (TI) DS90CF563 Datasheet HTML 8Page - National Semiconductor (TI) DS90CF563 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
−0.3V to +6V
CMOS/TTL Input Voltage
−0.3V to (V
CC + 0.3V)
CMOS/TTL Output Voltage
−0.3V to (V
CC + 0.3V)
LVDS Receiver Input Voltage
−0.3V to (V
CC + 0.3V)
LVDS Driver Output Voltage
−0.3V to (V
CC + 0.3V)
LVDS Output Short Circuit
Duration
Continuous
Junction Temperature
+150˚C
Storage Temperature
−65˚C to +150˚C
Lead Temperature
(Soldering, 4 sec)
+260˚C
Maximum Package Power Dissipation @ +25˚C
MTD48 (TSSOP) Package:
DS90CF563
1.98W
DS90CF564
1.89W
Package Derating:
DS90CF563
16 mW/˚C above +25˚C
DS90CF564
15 mW/˚C above +25˚C
This device does not meet 2000V ESD rating (Note 4) .
Recommended Operating
Conditions
Min
Nom
Max
Units
Supply Voltage (V
CC)
4.75
5.0
5.25
V
Operating Free Air
−10
+25
+70
˚C
Temperature (T
A)
Receiver Input Range
0
2.4
V
Supply Noise Voltage (V
CC)
100
mV
P-P
Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CMOS/TTL DC SPECIFICATIONS
V
IH
High Level Input Voltage
2.0
V
CC
V
V
IL
Low Level Input Voltage
GND
0.8
V
V
OH
High Level Output Voltage
I
OH = −0.4 mA
3.8
4.9
V
V
OL
Low Level Output Voltage
I
OL = 2 mA
0.1
0.3
V
V
CL
Input Clamp Voltage
I
CL = −18 mA
−0.79
−1.5
V
I
IN
Input Current
V
IN = VCC, GND, 2.5V or 0.4V
±5.1
±10
µA
I
OS
Output Short Circuit Current
V
OUT = 0V
−120
mA
LVDS DRIVER DC SPECIFICATIONS
V
OD
Differential Output Voltage
R
L = 100Ω
250
290
450
mV
∆V
OD
Change in V
OD between
Complementary Output States
35
mV
V
CM
Common Mode Voltage
1.1
1.25 1.375
V
∆V
CM
Change in V
CM between
Complementary Output States
35
mV
V
OH
High Level Output Voltage
1.3
1.6
V
V
OL
Low Level Output Voltage
0.9
1.01
V
I
OS
Output Short Circuit Current
V
OUT = 0V, RL = 100Ω
−2.9
−5
mA
I
OZ
Output TRI-STATE® Current
Power Down = 0V, V
OUT = 0V or VCC
±1
±10
µA
LVDS RECEIVER DC SPECIFICATIONS
V
TH
Differential Input High
Threshold
V
CM = +1.2V
+100
mV
V
TL
Differential Input Low Threshold
−100
mV
I
IN
Input Current
V
IN = +2.4V
V
CC = 5.5V
±10
µA
V
IN = 0V
±10
µA
TRANSMITTER SUPPLY CURRENT
I
CCTW
Transmitter Supply Current,
Worst Case
R
L = 100Ω,CL = 5 pF,
Worst Case Pattern
(
Figure 1, Figure 3)
f = 32.5 MHz
49
63
mA
f = 37.5 MHz
51
64
mA
f = 65 MHz
70
84
mA
I
CCTG
Transmitter Supply Current,
16 Grayscale
R
L = 100Ω,CL = 5 pF,
16 Grayscale Pattern
(
Figure 2, Figure 3)
f = 32.5 MHz
40
55
mA
f = 37.5 MHz
41
55
mA
f = 65 MHz
55
67
mA
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com