Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD2117 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DGD2117
Description  SINGLE CHANNEL GATE DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD2117 Datasheet(HTML) 1 Page - Diodes Incorporated

  DGD2117 Datasheet HTML 1Page - Diodes Incorporated DGD2117 Datasheet HTML 2Page - Diodes Incorporated DGD2117 Datasheet HTML 3Page - Diodes Incorporated DGD2117 Datasheet HTML 4Page - Diodes Incorporated DGD2117 Datasheet HTML 5Page - Diodes Incorporated DGD2117 Datasheet HTML 6Page - Diodes Incorporated DGD2117 Datasheet HTML 7Page - Diodes Incorporated DGD2117 Datasheet HTML 8Page - Diodes Incorporated DGD2117 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DGD2117/2118
Document number: DS38312 Rev. 1 - 2
1 of 11
www.diodes.com
April 2016
© Diodes Incorporated
DGD2117/2118
SINGLE CHANNEL GATE DRIVER
Description
The DGD2117 and DGD2118 are high voltage / high speed gate
drivers capable of driving one N-Channel MOSFET or IGBT in a
bootstrap configuration. High voltage processing techniques enable
the DGD2117 and DGD2118 to switch at 600V.
The DGD2117 and DGD2118 logic inputs are compatible with
standard CMOS outputs. The driver outputs feature high pulse current
buffers designed for minimum driver cross conduction. The single
floating channel can be used in high side and low side configuration.
The DGD2117 and DGD2118 are offered in SO-8 (Type TH) package
and the operating temperature extends from -40°C to +125°C.
Applications
DC-DC Converters
DC-AC Inverters
AC-DC Power Supplies
Motor Controls
Class D Power Amplifiers
Features
Floating Channel in Bootstrap Operation to 600V
Drives One N-Channel MOSFET or IGBT
Outputs Tolerant to Negative Transients
Wide Logic Supply: 10V to 20V
Schmitt Triggered Logic Input with Internal Pull Down
Undervoltage Lockout
Extended Temperature Range: -40°C to +125°C
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free.
“Green” Device (Note 3)
Mechanical Data
Case: SO-8 (Type TH)
Case Material: Molded Plastic
. “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 3 per J-STD-020
Terminals: Finish
– Matte Tin Plated Leads. Solderable per MIL-
STD-202, Method 208
Weight: 0.075 grams (Approximate)
Ordering Information (Note 4)
Part number
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
DGD2117S8-13
DGD2117
13
12
2,500
DGD2118S8-13
DGD2118
13
12
2,500
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
SO-8 (Type TH)
Top View
Typical Configuration
DGD211x
YY WW
= Manufacturer’s Marking
DGD211x = Product Type Marking Code (See Table Above)
YY
= Year (ex: 16 = 2016)
WW
= Week (01 to 53)


Similar Part No. - DGD2117

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD2117 DIODES-DGD2117 Datasheet
602Kb / 11P
SINGLE CHANNEL GATE DRIVER
Rev. 3 - 2 November 2019
DGD2117S8-13 DIODES-DGD2117S8-13 Datasheet
602Kb / 11P
SINGLE CHANNEL GATE DRIVER
Rev. 3 - 2 November 2019
DGD2117 DIODES-DGD2117_V01 Datasheet
602Kb / 11P
SINGLE CHANNEL GATE DRIVER
Rev. 3 - 2 November 2019
More results

Similar Description - DGD2117

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33153 ONSEMI-MC33153 Datasheet
189Kb / 12P
SINGLE IGBT GATE DRIVER
1998 REV 2
logo
Integral Corp.
IL33153 INTEGRAL-IL33153 Datasheet
124Kb / 3P
SINGLE IGBT GATE DRIVER
logo
Fairchild Semiconductor
FAN8800 FAIRCHILD-FAN8800 Datasheet
101Kb / 16P
Single IGBT Gate Driver
logo
ON Semiconductor
MC33153 ONSEMI-MC33153_06 Datasheet
131Kb / 13P
Single IGBT Gate Driver
July, 2006 ??Rev. 5
logo
KODENSHI_AUK CORP.
KK33153 KODENSHI-KK33153 Datasheet
110Kb / 4P
SINGLE IGBT GATE DRIVER
logo
IK Semicon Co., Ltd
IL33153 IKSEMICON-IL33153 Datasheet
356Kb / 14P
Single IGBT Gate Driver
logo
Infineon Technologies A...
1EDI60IN12AF INFINEON-1EDI60IN12AF_15 Datasheet
1Mb / 22P
Single Channel MOSFET Gate Driver IC
Rev. 2.0, 2015-06-01
logo
ON Semiconductor
MC33153 ONSEMI-MC33153_13 Datasheet
168Kb / 14P
Single IGBT Gate Driver
August, 2013 ??Rev. 8
logo
Diodes Incorporated
DGD2117 DIODES-DGD2117_V01 Datasheet
602Kb / 11P
SINGLE CHANNEL GATE DRIVER
Rev. 3 - 2 November 2019
logo
Infineon Technologies A...
1ED44171N01B INFINEON-1ED44171N01B Datasheet
1Mb / 18P
Single-channel low-side gate driver IC
V 1.1 2022-02-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com