Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL-2ES Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # SL-2ES
Description  Industrial Ethernet Media Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

SL-2ES Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  SL-2ES Datasheet HTML 1Page - Red Lion Controls. Inc SL-2ES Datasheet HTML 2Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SL-2ES Industrial Ethernet Media Converter
Sixnet Networking Series
Industrial Ethernet Media Converter
Sixnet • 331 Ushers Road • Ballston Lake, NY 12019 • USA
1.518.877.5173 • Fax 1.518.877.8346 • sales@sixnet.com
SOLUTIONS FOR TODAY’S INDUSTRIAL NETWORKING CHALLENGES
WWW.SIXNET.COM
INDUSTRIAL ETHERNET MEDIA CONVERTER
SL-2ES
PRODUCT DATASHEET
All specifications are subject to change. Consult factory for latest info.
The SL-2ES is an industrial Ethernet copper to fiber media
converter that provides fast performance allowing for real-time
operation. These ruggedized converters are industrial hardened
to provide superior reliability. They require no user setup and
immediately start operating as soon as you power them up.
MECHANICAL DRAWING
ORDERING GUIDE
SL-2ES-2SC
SL-2ES-2ST
1 RJ45 port & 1 multimode fiber optic port
with SC or ST style connector, 4 Km
SL-2ES-3SC
SL-2ES-3ST
SL-2ES-3SCL
SL-2ES-3STL
ACCESSORIES
SP-ETH-2
ET-PS-024-02
1 RJ45 port & 1 singlemode fiber optic port
with SC or ST style connector, 20 Km
1 RJ45 port & 1 singlemode fiber optic port
with SC or ST style connector, 60 Km
Dual port 10/100 RJ45 lightning protector
AC to 24 VDC, 2A, power supply
PRODUCT HIGHLIGHTS
n
Slim packaging fits on your DIN rail
n
High performance and value
n
Truly industrial hardened design
n
Dual power inputs keeps you running
n
Plug & play saves you time and money
n
UL/CSA, CE, Hazardous Locations (Zone 2) and Maritime rated
n
Ultra-reliable 1,000,000+ hours MTBF
ETHERNET COMPLIANCE
n
IEEE 802.3 (10Mbps Ethernet supports legacy devices)
n
IEEE 802.3u (Fast Ethernet 100Mbps for newer devices)
n
IEEE 802.3x (Full-Duplex with Flow Control)
ETHERNET PERFORMANCE
n
2 Ethernet ports: 1 copper and 1 fiber
n
Ethernet protocols supported: all IEEE 802.3
n
RJ45 port (shielded): 10/100BaseTX
n
RJ45 speed (10 or 100 Mbps): auto-negotiation
n
RJ45 MDI/MDIX: auto-crossover and TD/RD auto-polarity
n
Fiber optic port speed: 100BaseFX (100 Mbps)
n
Fiber optic port wavelength typical: 1300 nm center typ.
n
Fiber multimode (mm) typical: 50 or 62.5/125 um (SC or ST)
n
Fiber singlemode (sm) typical: 9 or 10/125 um (SC or ST)
n
Fiber max. distance: (full duplex) 4 km (mm), 20 (sm) or 40 km
(long haul) or more
n
Typ. latency for 100 Mbps ports: 5 us + frame time; varies on load
n
Fiber duplex operation: Full
n
MAC addresses supported: 1024
n
Memory bandwidth: 3.2 Gbps
n
Ethernet isolation: 1500 VRMS 1 minute
Contact Sixnet for special or long haul fiber transceivers up to 120km
POWER INPUT
n
Input power (typical): 2.0 W (all ports active)
n
Redundant power inputs: 10-30 VDC
n
Transient protection: 15,000 watts peak
n
Spike Protection: 5,000 watts (10 times for 10 uS)
ENVIRONMENTAL
n
Operating temperature range: -10 to +60 °C
n
Storage temperature range: -40 to +85 °C
n
Humidity (non-condensing): 5 to 95% RH
n
Vibration: IEC60068-2-6
STANDARDS COMPLIANCE
n
Electrical safety: UL508/CSA C22.2/14, EN61010-1, CE
n
EMI emissions: FCC part 15, ICES-003; EN61000-6-4, CE
n
EMC immunity: EN61000-6-2, CE
n
Hazardous locations: UL1604/CSA C22.2/213 (Class I, Div. 2);
EN60079-15 (Zone 2, Category 3), CE (ATEX)
n
Maritime: Rated for marine & offshore per ABS
n
Eye safety (fiber models): IEC60825-1, Class 1; FDA 21 CFR
1040.10 and 1040.11
PHYSICAL
n
DIN rail or direct panel mounting
n
Case: UL94V0 Lexan with IP30 protection
n
Dimensions: see mechanical drawing
n
Weight (typical): 0.11Kg (4oz.)
Sixnet • 331 Ushers Road • Ballston Lake, NY 12019 • USA
1.518.877.5173 • Fax 1.518.877.8346 • sales@sixnet.com
SOLUTIONS FOR TODAY’S INDUSTRIAL NETWORKING CHALLENGES
WWW.SIXNET.COM
INDUSTRIAL ETHERNET MEDIA CONVERTER
SL-2ES
PRODUCT DATASHEET
All specifications are subject to change. Consult factory for latest info.
The SL-2ES is an industrial Ethernet copper to fiber media
converter that provides fast performance allowing for real-time
operation. These ruggedized converters are industrial hardened
to provide superior reliability. They require no user setup and
immediately start operating as soon as you power them up.
MECHANICAL DRAWING
ORDERING GUIDE
SL-2ES-2SC
SL-2ES-2ST
1 RJ45 port & 1 multimode fiber optic port
with SC or ST style connector, 4 Km
SL-2ES-3SC
SL-2ES-3ST
SL-2ES-3SCL
SL-2ES-3STL
ACCESSORIES
SP-ETH-2
ET-PS-024-02
1 RJ45 port & 1 singlemode fiber optic port
with SC or ST style connector, 20 Km
1 RJ45 port & 1 singlemode fiber optic port
with SC or ST style connector, 60 Km
Dual port 10/100 RJ45 lightning protector
AC to 24 VDC, 2A, power supply
PRODUCT HIGHLIGHTS
n
Slim packaging fits on your DIN rail
n
High performance and value
n
Truly industrial hardened design
n
Dual power inputs keeps you running
n
Plug & play saves you time and money
n
UL/CSA, CE, Hazardous Locations (Zone 2) and Maritime rated
n
Ultra-reliable 1,000,000+ hours MTBF
ETHERNET COMPLIANCE
n
IEEE 802.3 (10Mbps Ethernet supports legacy devices)
n
IEEE 802.3u (Fast Ethernet 100Mbps for newer devices)
n
IEEE 802.3x (Full-Duplex with Flow Control)
ETHERNET PERFORMANCE
n
2 Ethernet ports: 1 copper and 1 fiber
n
Ethernet protocols supported: all IEEE 802.3
n
RJ45 port (shielded): 10/100BaseTX
n
RJ45 speed (10 or 100 Mbps): auto-negotiation
n
RJ45 MDI/MDIX: auto-crossover and TD/RD auto-polarity
n
Fiber optic port speed: 100BaseFX (100 Mbps)
n
Fiber optic port wavelength typical: 1300 nm center typ.
n
Fiber multimode (mm) typical: 50 or 62.5/125 um (SC or ST)
n
Fiber singlemode (sm) typical: 9 or 10/125 um (SC or ST)
n
Fiber max. distance: (full duplex) 4 km (mm), 20 (sm) or 40 km
(long haul) or more
n
Typ. latency for 100 Mbps ports: 5 us + frame time; varies on load
n
Fiber duplex operation: Full
n
MAC addresses supported: 1024
n
Memory bandwidth: 3.2 Gbps
n
Ethernet isolation: 1500 VRMS 1 minute
Contact Sixnet for special or long haul fiber transceivers up to 120km
POWER INPUT
n
Input power (typical): 2.0 W (all ports active)
n
Redundant power inputs: 10-30 VDC
n
Transient protection: 15,000 watts peak
n
Spike Protection: 5,000 watts (10 times for 10 uS)
ENVIRONMENTAL
n
Operating temperature range: -10 to +60 °C
n
Storage temperature range: -40 to +85 °C
n
Humidity (non-condensing): 5 to 95% RH
n
Vibration: IEC60068-2-6
STANDARDS COMPLIANCE
n
Electrical safety: UL508/CSA C22.2/14, EN61010-1, CE
n
EMI emissions: FCC part 15, ICES-003; EN61000-6-4, CE
n
EMC immunity: EN61000-6-2, CE
n
Hazardous locations: UL1604/CSA C22.2/213 (Class I, Div. 2);
EN60079-15 (Zone 2, Category 3), CE (ATEX)
n
Maritime: Rated for marine & offshore per ABS
n
Eye safety (fiber models): IEC60825-1, Class 1; FDA 21 CFR
1040.10 and 1040.11
PHYSICAL
n
DIN rail or direct panel mounting
n
Case: UL94V0 Lexan with IP30 protection
n
Dimensions: see mechanical drawing
n
Weight (typical): 0.11Kg (4oz.)
Sixnet • 331 Ushers Road • Ballston Lake, NY 12019 • USA
1.518.877.5173 • Fax 1.518.877.8346 • sales@sixnet.com
SOLUTIONS FOR TODAY’S INDUSTRIAL NETWORKING CHALLENGES
WWW.SIXNET.COM
INDUSTRIAL ETHERNET MEDIA CONVERTER
SL-2ES
PRODUCT DATASHEET
All specifications are subject to change. Consult factory for latest info.
The SL-2ES is an industrial Ethernet copper to fiber media
converter that provides fast performance allowing for real-time
operation. These ruggedized converters are industrial hardened
to provide superior reliability. They require no user setup and
immediately start operating as soon as you power them up.
MECHANICAL DRAWING
ORDERING GUIDE
SL-2ES-2SC
SL-2ES-2ST
1 RJ45 port & 1 multimode fiber optic port
with SC or ST style connector, 4 Km
SL-2ES-3SC
SL-2ES-3ST
SL-2ES-3SCL
SL-2ES-3STL
ACCESSORIES
SP-ETH-2
ET-PS-024-02
1 RJ45 port & 1 singlemode fiber optic port
with SC or ST style connector, 20 Km
1 RJ45 port & 1 singlemode fiber optic port
with SC or ST style connector, 60 Km
Dual port 10/100 RJ45 lightning protector
AC to 24 VDC, 2A, power supply
PRODUCT HIGHLIGHTS
n
Slim packaging fits on your DIN rail
n
High performance and value
n
Truly industrial hardened design
n
Dual power inputs keeps you running
n
Plug & play saves you time and money
n
UL/CSA, CE, Hazardous Locations (Zone 2) and Maritime rated
n
Ultra-reliable 1,000,000+ hours MTBF
ETHERNET COMPLIANCE
n
IEEE 802.3 (10Mbps Ethernet supports legacy devices)
n
IEEE 802.3u (Fast Ethernet 100Mbps for newer devices)
n
IEEE 802.3x (Full-Duplex with Flow Control)
ETHERNET PERFORMANCE
n
2 Ethernet ports: 1 copper and 1 fiber
n
Ethernet protocols supported: all IEEE 802.3
n
RJ45 port (shielded): 10/100BaseTX
n
RJ45 speed (10 or 100 Mbps): auto-negotiation
n
RJ45 MDI/MDIX: auto-crossover and TD/RD auto-polarity
n
Fiber optic port speed: 100BaseFX (100 Mbps)
n
Fiber optic port wavelength typical: 1300 nm center typ.
n
Fiber multimode (mm) typical: 50 or 62.5/125 um (SC or ST)
n
Fiber singlemode (sm) typical: 9 or 10/125 um (SC or ST)
n
Fiber max. distance: (full duplex) 4 km (mm), 20 (sm) or 40 km
(long haul) or more
n
Typ. latency for 100 Mbps ports: 5 us + frame time; varies on load
n
Fiber duplex operation: Full
n
MAC addresses supported: 1024
n
Memory bandwidth: 3.2 Gbps
n
Ethernet isolation: 1500 VRMS 1 minute
Contact Sixnet for special or long haul fiber transceivers up to 120km
POWER INPUT
n
Input power (typical): 2.0 W (all ports active)
n
Redundant power inputs: 10-30 VDC
n
Transient protection: 15,000 watts peak
n
Spike Protection: 5,000 watts (10 times for 10 uS)
ENVIRONMENTAL
n
Operating temperature range: -10 to +60 °C
n
Storage temperature range: -40 to +85 °C
n
Humidity (non-condensing): 5 to 95% RH
n
Vibration: IEC60068-2-6
STANDARDS COMPLIANCE
n
Electrical safety: UL508/CSA C22.2/14, EN61010-1, CE
n
EMI emissions: FCC part 15, ICES-003; EN61000-6-4, CE
n
EMC immunity: EN61000-6-2, CE
n
Hazardous locations: UL1604/CSA C22.2/213 (Class I, Div. 2);
EN60079-15 (Zone 2, Category 3), CE (ATEX)
n
Maritime: Rated for marine & offshore per ABS
n
Eye safety (fiber models): IEC60825-1, Class 1; FDA 21 CFR
1040.10 and 1040.11
PHYSICAL
n
DIN rail or direct panel mounting
n
Case: UL94V0 Lexan with IP30 protection
n
Dimensions: see mechanical drawing
n
Weight (typical): 0.11Kg (4oz.)


Similar Part No. - SL-2ES

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
SL-2ES-2SC PF-SL-2ES-2SC Datasheet
190Kb / 1P
Industrial Ethernet Media Converter
2014-04-22
More results

Similar Description - SL-2ES

ManufacturerPart #DatasheetDescription
logo
Level One
IEC-4000 LVL1-IEC-4000 Datasheet
506Kb / 3P
Industrial Fast Ethernet mini Media Converter
IEC-4002 LVL1-IEC-4002 Datasheet
515Kb / 3P
Industrial Fast Ethernet Mini Media Converter
IEC-4301 LVL1-IEC-4301 Datasheet
515Kb / 3P
Industrial Fast Ethernet Mini Media Converter
logo
ORing Industrial Networ...
IGMC-111GP ORING-IGMC-111GP Datasheet
342Kb / 5P
Industrial Gigabit Ethernet to fiber media converter
ITGMC-111GP ORING-ITGMC-111GP Datasheet
955Kb / 3P
Industrial Gigabit Ethernet to fiber media converter
logo
List of Unclassifed Man...
HEMC2G ETC2-HEMC2G Datasheet
517Kb / 3P
Industrial Gigabit Ethernet to Fiber Media Converter
logo
Weidmuller
1286880000 WEIDMULLER-1286880000 Datasheet
244Kb / 4P
Industrial Fast Ethernet media converter
1286890000 WEIDMULLER-1286890000 Datasheet
243Kb / 4P
Industrial Fast Ethernet media converter
1286900000 WEIDMULLER-1286900000 Datasheet
243Kb / 4P
Industrial Fast Ethernet media converter
logo
Pepperl+Fuchs Inc.
SL-2ES-2SC PF-SL-2ES-2SC Datasheet
190Kb / 1P
Industrial Ethernet Media Converter
2014-04-22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com