Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTCD-CFG Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # NTCD-CFG
Description  Industrial Managed Gigabit Ethernet Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

NTCD-CFG Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  NTCD-CFG Datasheet HTML 1Page - Red Lion Controls. Inc NTCD-CFG Datasheet HTML 2Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CERTIFICATION & COMPLIANCE
Product Safety:
ANSI/ISA 12.12.01-2013 Class I and II, Div. 2 and Class III, Div. 1 and
2, Groups A, B, C and D Hazardous Locations
UL508 Industrial Control Equipment
CAN/CSA-C22.2 No. 213-M1987 Class I Div. 2 Hazardous Locations
CAN/CSA-C22.2 No. 14-M1987 Industrial Control Equipment
Emissions:
FCC Title 47, Part 15, Radio Frequency Devices, Subpart B ANSI
C63.4-2009; Industry Canada ICES-003, EN 55011; EN 61000-6-4,
EN 61000-3-2, EN61000-3-3, EN 55032
Immunity:
EN 55024, EN 61000-6-2; IEC 61000-4-2 (ESD); IEC 61000-4-3
(RFAM); IEC 61000-4-4 (EFT); IEC 61000-4-5 (SURGE); IEC 61000-4-
6 (RFCM); IEC 61000-4-8 (PFMF); IEC 61000-4-11 (VDI)
Rail:
EN 50155, EN 50121 and EN 61373
Designed to Comply with:
IEEE 1613 (Electric Utility Substations), NEMA TS1/TS2 (Traffic Control)
Other:
ABS Type Approval for Shipboard Applications; EMC Directive
2014/30/EU; LV Directive 2014/35/EU GOST-R, RoHS Compliant
MECHANICAL
Case Dimensions:
Height: 5.88” (14.92 cm)
Width: 3.10” (7.87 cm)
Depth: 5.54” (14.07 cm)
Weight: 1.97 lbs (0.89kg)
Mount: DIN Rail 35 mm
WARRANTY
3 Years on Design and Manufacturing Defects
ORDERING GUIDE
PART NUMBER
DESCRIPTION
NT24K-16TX
16 Port 10/100/1000BaseT Managed Industrial Ethernet Switch
NTCD-CFG
NT24k Configuration Recovery Device
NTPS-24-1.3
DIN-Rail Power Supply 1.3 Amp @ 24 VDC
NT24K-NM-PMK
NT24k Non-Modular Panel Mount Kit
NT24k-16TX Specifications
SWITCH PROPERTIES
Operation: Managed
Number of MAC Addresses: 16,000
IEEE Compliance: 802.3, 802.3u, 802.3ab, 802.3x,
802.1d/D/w, 802.1p, 802.1Q, 802.1x
Latency (Typical): 1.6 μs
Switching Method: Store-and-Forward
LED Status Indicators
Configurable Alarm Contact
Onboard Temperature Sensor
Supports Full/Half Duplex Operation
Maximum Throughput: Up to 32 Gb/s
MDIX Auto Sensing Cable
Auto Sensing Speed and Flow Control
Communications: Full Wire Speed
MTBF: >2 million hours
POWER INPUT
Input Voltage: 10-49 VDC
Steady Input Current: 710 mA @ 24 VDC
Inrush: 22 A / .33 ms @ 24 VDC
BTU/HR: 58.14
CONNECTORS
10/100/1000BaseT: Sixteen (16) RJ-45 ports
ESD and surge protection diodes on all copper ports
Configuration Port: One (1) USB Type B
NETWORK MEDIA
10BaseT: ≥ Cat3 cable
100BaseTX: ≥ Cat5 cable
1000BaseT: ≥ Cat5e cable
RECOMMENDED WIRING CLEARANCE
Front: 2” (5.08 cm)
Top: 4” (10.16 cm)
ENVIRONMENTAL
Operating Temperature: -40°C to 85°C
Storage Temperature: -40°C to 85°C
Operating Humidity: 10% to 95% (non condensing)
Operating Altitude: 0 to 10,000 ft.
Shock: 200 g @ 10 ms (bulkhead mounted)
Vibration: 50 g @ 5-20 Hz, Triaxial (bulkhead mounted)
DIMENSIONS
w w w .r edlion.net
Connect. Monitor. Control.
Americas
sales@redlion.net
Asia-Pacific
asia@redlion.net
Europe
Middle East
Africa
europe@redlion.net
+1 (717) 767-6511
All specifications are subject to change. Consult the company website for more information.
ADLD0405 051916 © 2016 Red Lion Controls, Inc. All rights reserved. Red Lion, the Red Lion logo, N-Tron and Sixnet are
registered trademarks of Red Lion Controls, Inc. All other company and product names are trademarks of their respective owners.
As the global experts in communication, monitoring and control for
industrial automation and networking, Red Lion has been delivering
innovative solutions for over forty years. Our automation, Ethernet and
cellular M2M technology enables companies worldwide to gain real-time
data visibility that drives productivity. Product brands include Red Lion,
N-Tron and Sixnet. With headquarters in York, Pennsylvania, the company
has offices across the Americas, Asia-Pacific and Europe. Red Lion is
part of Spectris plc, the productivity-enhancing instrumentation and
controls company. For more information, please visit www.redlion.net.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com