Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTCD-CFG Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # NTCD-CFG
Description  Industrial Managed Gigabit Ethernet Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

NTCD-CFG Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  NTCD-CFG Datasheet HTML 1Page - Red Lion Controls. Inc NTCD-CFG Datasheet HTML 2Page - Red Lion Controls. Inc NTCD-CFG Datasheet HTML 3Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ENVIRONMENTAL
Operating Temperature: -40°C to 85°C
Storage Temperature: -40°C to 85°C
Operating Humidity: 10% to 95% (non condensing)
Operating Altitude: 0 to 10,000 ft.
Shock: 200 g @ 10 ms (bulkhead mounted)
Vibration: 50 g @ 5-20 Hz, Triaxial (bulkhead mounted)
CERTIFICATION & COMPLIANCE
Product Safety:
ANSI/ISA 12.12.01-2013 Class I and II, Div. 2 and Class III, Div. 1 and
2, Groups A, B, C and D Hazardous Locations
UL508 Industrial Control Equipment
CAN/CSA-C22.2 No. 213-M1987 Class I Div. 2 Hazardous Locations
CAN/CSA-C22.2 No. 14-M1987 Industrial Control Equipment
Emissions:
FCC Title 47, Part 15, Radio Frequency Devices, Subpart B ANSI
C63.4-2009; Industry Canada ICES-003, EN 55011; EN 61000-6-4,
EN 61000-3-2, EN61000-3-3, EN 55032
Immunity:
EN 55024, EN 61000-6-2; IEC 61000-4-2 (ESD); IEC 61000-4-3
(RFAM); IEC 61000-4-4 (EFT); IEC 61000-4-5 (SURGE); IEC 61000-4-
6 (RFCM); IEC 61000-4-8 (PFMF); IEC 61000-4-11 (VDI)
Rail:
EN 50155, EN 50121 and EN 61373
Designed to Comply with:
IEEE 1613 (Electric Utility Substations), NEMA TS1/TS2 (Traffic Control)
Other:
ABS Type Approval for Shipboard Applications; EMC Directive
2014/30/EU; LV Directive 2014/35/EU GOST-R, RoHS Compliant
MECHANICAL
Case Dimensions:
Height: 5.88” (14.92 cm)
Width: 3.10” (7.87 cm)
Depth: 5.54” (14.07 cm)
Weight: 2.06 lbs (0.94 kg)
Mount: DIN Rail 35 mm
WARRANTY
3 Years on Design and Manufacturing Defects
NT24k-14FX6 Specifications
SWITCH PROPERTIES
Operation: Managed
Number of MAC Addresses: 16,000
IEEE Compliance: 802.3, 802.3u, 802.3ab, 802.3x,
802.1d/D/w, 802.1p, 802.1Q, 802.1x
Latency (Typical): 1.6 μs
Switching Method: Store-and-Forward
LED Status Indicators
Configurable Alarm Contact
Onboard Temperature Sensor
Supports Full/Half Duplex Operation
Maximum Throughput: Up to 17.2 Gb/s
MDIX Auto Sensing Cable
Auto Sensing Speed and Flow Control
Communications: Full Wire Speed
MTBF: >2 million hours
POWER INPUT
Input Voltage: 10-49 VDC
Steady Input Current: 750 mA @ 24 VDC
Inrush: 21 A / .3 ms @ 24 VDC
BTU/HR: 61.44
CONNECTORS
10/100/1000BaseT: Eight (8) RJ-45 ports
ESD and surge protection diodes on all copper ports
100BaseFX: Six (6) ST or SC duplex fiber ports
Configuration Port: One (1) USB Type B
NETWORK MEDIA
10BaseT: ≥ Cat3 cable
100BaseTX: ≥ Cat5 cable
1000BaseT: ≥ Cat5e cable
100BaseFX Multimode: 50-62.5/125 μm
100BaseFX Singlemode: 7-10/125 μm
RECOMMENDED WIRING CLEARANCE
Front: 4” (10.16 cm)
Top: 4” (10.16 cm)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com