Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTCD-CFG Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # NTCD-CFG
Description  Managed Gigabit Industrial Ethernet Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

NTCD-CFG Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  NTCD-CFG Datasheet HTML 1Page - Red Lion Controls. Inc NTCD-CFG Datasheet HTML 2Page - Red Lion Controls. Inc NTCD-CFG Datasheet HTML 3Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Managed Gigabit Industrial Ethernet Switch Specifications
SWITCH PROPERTIES
Number of MAC Addresses: 16K
Aging Time: Programmable
Latency (typical): 1.6 μs
Switching Method: Store & Forward
MTBF: >1 million hours
POWER INPUT
Input Voltages:
Low Voltage: 18-49 VDC
High Voltage: 90-264 VAC or 90-300 VDC
Input Current (max): 2.26A @ 24VDC
Input Current (max): 790mA @120 VAC/450mA @ 124VDC
BTU/hr: 185 @ 24VDC
BTU/hr: 365 @ 120VAC/190 @ 124VDC
CONNECTORS
10/100/1000BaseT(X): Up to 24 RJ45 copper ports
100BaseFX: Up to 24 SC or ST fiber ports
1000BaseFX: Up to 24 SC fiber ports
100BaseSX/LX SFP: Up to 24 LC fiber ports
1000BaseGX SFP: Up to 24 LC fiber ports
RELIABILITY
MTBF: >1 million hours
NETWORK MEDIA
10BaseT: ≥Cat3 cable
100BaseTX: ≥Cat5 cable
1000BaseT: ≥Cat5 cable
100BaseFX, 1000BaseSX Multimode: 50-62.5/125μm
100BaseFX, 1000BaseLX Singlemode: 7-10/125μm
RECOMMENDED WIRING CLEARANCE
Front and Back: 4” (10.2 cm)
DIMENSIONS
All specifications are subject to change. Consult the company website for more information.
CERTIFICATION & COMPLIANCE
Product Safety:
ANSI/ISA 12.12.01-2013 Class I and II, Div. 2 and Class III, Div. 1
and 2, Groups A, B, C and D Hazardous Locations
UL508 Industrial Control Equipment
CAN/CSA-C22.2 No. 213-M1987 Class I Div. 2 Hazardous Locations
CAN/CSA-C22.2 No. 14-M1987 Industrial Control Equipment
Emissions:
FCC Title 47, Part 15, Radio Frequency Devices, Subpart B ANSI
C63.4-2009; Industry Canada ICES-003, EN 55011; EN 61000-6-
4, EN 61000-3-2, EN61000-3-3, EN 55032
Immunity:
EN 55024, EN 61000-6-2; IEC 61000-4-2 (ESD); IEC 61000-4-3
(RFAM); IEC 61000-4-4 (EFT); IEC 61000-4-5 (SURGE); IEC
61000-4-6 (RFCM); IEC 61000-4-8 (PFMF); IEC 61000-4-11 (VDI)
Other:
ABS Type Approval for Shipboard Applications; EMC Directive
2014/30/EU; LV Directive 2014/35/EU GOST-R, RoHS Compliant
ENVIRONMENTAL
Operating Temperature: -40° C to 85° C
Operating Humidity: 5% to 95% (Non Condensing)
Operating Altitude: 0 to 10,000 ft.
Shock: 50g @ 10ms
Vibration/Seismic: 30g, 10-200 Hz, triaxial
MECHANICAL
Case Dimensions
Height: 1.9” (4.8 cm)
Width: 17.5” (44.5 cm)
Depth: 12.7” (32.0 cm)
Weight (maximum): 12.85 lbs (5.83 kg)
Mount: Rackmount 1U



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com