Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS90CF366 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90CF366
Description  3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-85 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link-85 MHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CF366 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button DS90CF366 Datasheet HTML 8Page - National Semiconductor (TI) DS90CF366 Datasheet HTML 9Page - National Semiconductor (TI) DS90CF366 Datasheet HTML 10Page - National Semiconductor (TI) DS90CF366 Datasheet HTML 11Page - National Semiconductor (TI) DS90CF366 Datasheet HTML 12Page - National Semiconductor (TI) DS90CF366 Datasheet HTML 13Page - National Semiconductor (TI) DS90CF366 Datasheet HTML 14Page - National Semiconductor (TI) DS90CF366 Datasheet HTML 15Page - National Semiconductor (TI) DS90CF366 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Pin Diagrams for TSSOP Packages
DS90CF386MTD
DS90CF366MTD
10108523
10108513
Applications Information
POWER SEQUENCING AND POWERDOWN MODE
Outputs of the transmitter remain in TRI-STATE until the
power supply reaches 2V. Clock and data outputs will begin
to toggle 10 ms after V
CC has reached 3V and the Power-
down pin is above 1.5V. Either device may be placed into a
powerdown mode at any time by asserting the Powerdown
pin (active low). Total power dissipation for each device will
decrease to 5 µW (typical).
The transmitter input clock may be applied prior to powering
up and enabling the transmitter. The transmitter input clock
may also be applied after power up; however, the use of the
PWR DOWN pin is required as described in the Transmitter
Input Clock section. Do not power up and enable (PWR
DOWN = HIGH) the transmitter without a valid clock signal
applied to the TxCLK IN pin.
The FPD Link chipset is designed to protect itself from
accidental loss of power to either the transmitter or receiver.
If power to the transmit board is lost, the receiver clocks
(input and output) stop. The data outputs (RxOUT) retain the
states they were in when the clocks stopped. When the
receiver board loses power, the receiver inputs are con-
trolled by a failsafe bias circuitry. The LVDS inputs are
High-Z during initial power on and power off conditions.
Current is limited (5 mA per input) by the fixed current mode
drivers, thus avoiding the potential for latchup when power-
ing the device.
RECEIVER FAILSAFE FEATURE
The FPD Link receivers have input failsafe bias circuitry to
guarantee a stable receiver output for floating or terminated
receiver inputs. Under these conditions receiver inputs will
be pulled to a HIGH state. This is the case if not all data
channels are required in the application. Leave the extra
channel’s inputs open. This minimizes power dissipation and
locks the unused channels outputs into a stable known
(HIGH) state.
If a clock signal is present, data outputs will all be HIGH; if
the clock input is also floating/terminated, data outputs will
remain in the last valid state. A floating/terminated clock
input will result in a LOW clock output.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com