Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4732 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4732
Description  Stereo 50W Audio Power Amplifier with Mute
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4732 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM4732 Datasheet HTML 14Page - National Semiconductor (TI) LM4732 Datasheet HTML 15Page - National Semiconductor (TI) LM4732 Datasheet HTML 16Page - National Semiconductor (TI) LM4732 Datasheet HTML 17Page - National Semiconductor (TI) LM4732 Datasheet HTML 18Page - National Semiconductor (TI) LM4732 Datasheet HTML 19Page - National Semiconductor (TI) LM4732 Datasheet HTML 20Page - National Semiconductor (TI) LM4732 Datasheet HTML 21Page - National Semiconductor (TI) LM4732 Datasheet HTML 22Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Application Information (Continued)
BILL OF MATERIALS FOR REFERENCE PCB
Symbol
Value
Tolerance
Type/Description
Comment
R
IN1,RIN2
15k
Ω
5%
1/4 Watt
R
B1,RB2
1k
Ω
1%
1/4 Watt
R
F1,RF2
20k
Ω
1%
1/4 Watt
R
i1,Ri2
1k
Ω
1%
1/4 Watt
R
SN1,RSN2,
2.7
Ω
5%
1/4 Watt
R
G
2.7
Ω
5%
1/4 Watt
R
M
10k
Ω
5%
1/4 Watt
C
IN1,CIN2
1µF
10%
Metallized Polyester Film
C
i1,Ci2,
68µF
20%
Electrolytic Radial / 50V
C
SN1,CSN2
0.1µF
20%
Monolithic Ceramic
C
N1,CN2
15pF
20%
Monolithic Ceramic
C
S1,CS2,CS3
0.1µF
20%
Monolithic Ceramic
C
S4,CS5,CS6
10µF
20%
Electrolytic Radial / 50V
C
S7,CS8
1,000µF
20%
Electrolytic Radial / 50V
S
1
SPDT (on-on) Switch
J
1,J2
Non-Switched PC Mount RCA
Jack
J
4,J7,J8
PCB Banana Jack - BLACK
J
3,J5,J6,J9
PCB Banana Jack - RED
U
1
27 lead TO-220 Power Socket
with push lever release or
LM4732 IC
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com