Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMP2S000 Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # GMP2S000
Description  Graphic Operator Interface Panels with Modular I/O
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

GMP2S000 Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  GMP2S000 Datasheet HTML 1Page - Red Lion Controls. Inc GMP2S000 Datasheet HTML 2Page - Red Lion Controls. Inc GMP2S000 Datasheet HTML 3Page - Red Lion Controls. Inc GMP2S000 Datasheet HTML 4Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
COMMUNICATION PROPERTIES
USB Ports
Programming Port: One (1) USB Type B adheres to USB specification 1.1
Host Ports: Two (2) USB Type A complies with USB specification 2.0
Supports full-speed data transfers
Hardware over current protected (0.5 A max per port)
Serial Ports: Format/Baud rates independently configurable
Programming Port: One (1) RS-232 port with RJ12 connector
Communication Ports:
One (1) RS-232 port via RJ12 connector
One (1) RS-422/485 port via RJ45 connector
Optional Serial Ports:
One (1) RS-232 port via RJ12 connector
One (1) RS-422/485 port with via RJ45 connector
Ethernet Ports: 1500 Vrms network isolation
One (1) 10/100Base-T(X) port via RJ45 connector
Optional Ethernet Port: One (1) 10/100Base-T(X) port via RJ45 connector
POWER INPUT
24 VDC ± 20%
Model
Typical
Max
With Modules
G07C
9 W
16 W
37 W
G07S
10 W
17 W
38 W
G09
13 W
20 W
45 W
G10C/R
12 W
19 W
48 W
G10S
18 W
24 W
53 W
G12
16 W
23 W
56 W
G15
20 W
27 W
60 W
Must use a Class 2 circuit according to National Electrical Code (NEC),
NFPA-70 or Canadian Electrical Code (CEC), Part I, C22.1 or a Limited
Power Supply (LPS) according to IEC 60950-1 or Limited-energy circuit
according to IEC 61010-1. Power connection via removable three
position terminal block.
Battery: Lithium coin cell
Typical lifetime of 10 years
POWER CONNECTION
High compression cage-clamp terminal block
Wire Strip Length: 0.3” (7.5 mm)
Wire Gauge Capacity: One 14 AWG (1.63 mm) solid,
two 18 AWG (1.02 mm) or four 20 AWG (0.81 mm)
LCD DISPLAY
Touchscreen: Resistive analog
Model
Size
Pixels
Brightness
Backlight
G07C
7 in
800 X 480
500 cd/m2
50,000 HR TYP.
G07S
7 in
800 X 480
1000 cd/m2
70,000 HR TYP.
G09
9 in
800 X 480
400 cd/m2
70,000 HR TYP.
G10C
10 in
640 X 480
450 cd/m2
70,000 HR TYP.
G10R
10 in
800 X 600
400 cd/m2
70,000 HR TYP.
G10S
10 in
640 X 480
1500 cd/m2
35,000 HR TYP.
G12
12 in
1280 X 800
400 cd/m2
70,000 HR TYP.
G15
15 in
1024 X 768
400 cd/m2
70,000 HR TYP.
NETWORK MEDIA
10BaseT: ≥ Cat3 cable
100BaseTX: ≥ Cat5 cable
ENVIRONMENTAL
Operating Temperature: -20° C to 60° C
Storage Temperature: -20° C to 70° C
Operating Humidity: 0 to 85% (non condensing)
Operating Altitude: Up to 2000 meters
Shock: 40 g per IEC 68-2-27
Vibration: 4 g @ 5-500 Hz (7” model see lit) per IEC 68-2-6
CERTIFICATION & COMPLIANCE
Product Safety:
UL Safety: Class I, Division 2, Groups A, B, C, D , Class II, Division 2,
Groups F and G , Class III Hazardous Locations certificate number
#E317425
CE Approved: EN 61326-1 Immunity to Industrial Locations
Emission CISPR 11 Class A, IEC/EN 61010-1, RoHS Compliant
ABS Type Approval for Shipboard Applications
Outdoor Enclosure Rating: IP40, UL50 (Face only)
Enclosure Rating: IP66 (Face only)
Enclosure Rating: IP20 (Rear of unit)
MECHANICAL
Construction: Cast aluminum enclosure with NEMA 4X/IP66 rating for
indoor/outdoor use when correctly fitted with the gasket provided.
Installation Category II, Pollution Degree 2.
Weight:
G07 – 2.26 lb. (1.03 kg)
G09 – 3.39 lb. (1.54 kg)
G10 – 4.80 lb. (2.18 kg)
G12 – 5.06 lb. (2.29 kg)
G15 – 7.73 lb. (3.50 kg)
Graphite Specifications



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com