Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5033 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5033
Description  100V Push-Pull Voltage Mode PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5033 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM5033 Datasheet HTML 1Page - National Semiconductor (TI) LM5033 Datasheet HTML 2Page - National Semiconductor (TI) LM5033 Datasheet HTML 3Page - National Semiconductor (TI) LM5033 Datasheet HTML 4Page - National Semiconductor (TI) LM5033 Datasheet HTML 5Page - National Semiconductor (TI) LM5033 Datasheet HTML 6Page - National Semiconductor (TI) LM5033 Datasheet HTML 7Page - National Semiconductor (TI) LM5033 Datasheet HTML 8Page - National Semiconductor (TI) LM5033 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Pin Description
PIN
NAME
DESCRIPTION
APPLICATION INFORMATION
1
Vin
Input Voltage
Input to the start-up regulator. Input range is 15V to
90V, with transient capability to 100V .
2
REF
2.5V precision reference output
Sink only, requires an external pull-up resistor. This
can be used as a reference for external circuitry.
3
COMP
PWM Input
Feedback to the PWM comparator’s inverting input,
through a 3:1 divider. The output duty cycle increases
as this pin’s voltage increases. Internally there is a
5k
Ω pullup to +5.2V.
4
VCC
9.6V output from the internal high voltage series
pass regulator
An external voltage (10V - 15V) can be applied to this
pin to shutdown the internal regulator, thereby
reducing internal dissipation. An internal diode
connects Vcc to Vin.
5
OUT1
Gate Driver Output #1
Alternating output gate driver, which can source and
sink 1.5A.
6
OUT2
Gate Driver Output #2
Alternating output gate driver, which can source and
sink 1.5A.
7
GND
Ground pin for all internal circuitry
Connections to external ground must be done with
care for optimum performance. See the Functional
Description and Applications Section for more
information.
8
CS
Current sense input
Current sense input for the current limit detection. If
CS exceeds 0.5V the outputs are disabled and the
softstart pin is discharged to ground.
9R
T/ SYNC
Oscillator timing resistor pin and synchronization
input
An external resistor to ground sets the oscillator
frequency. This pin will also accept ac-coupled
synchronization pulses from an external source.
10
SS
Softstart pin
An internal 10µA current source and an external
capacitor set the soft-start timing. This pin can be
externally pulled to below 0.5V to disable the output
drivers.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com